Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37512FS Arkusz danych(PDF) 6 Page - Rohm

Numer części BD37512FS
Szczegółowy opis  Sound Processor with Built-in 2-band Equalizer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37512FS Arkusz danych(HTML) 6 Page - Rohm

Back Button BD37512FS_15 Datasheet HTML 2Page - Rohm BD37512FS_15 Datasheet HTML 3Page - Rohm BD37512FS_15 Datasheet HTML 4Page - Rohm BD37512FS_15 Datasheet HTML 5Page - Rohm BD37512FS_15 Datasheet HTML 6Page - Rohm BD37512FS_15 Datasheet HTML 7Page - Rohm BD37512FS_15 Datasheet HTML 8Page - Rohm BD37512FS_15 Datasheet HTML 9Page - Rohm BD37512FS_15 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
BD37512FS
6/26
TSZ02201-0C2C0E100420-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Typical Performance Curves
0
5
10
15
20
25
30
0
2
4
6
8
10
Supply Voltage : VCC [V]
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
10kHz
1kHz
100Hz
Output Voltage : VOUT [Vrms]
Figure 1. Quiescent Current vs Supply Voltage
Figure 2. Total Harmonic Distortion vs Output Voltage
-5
-4
-3
-2
-1
0
1
2
3
4
5
10
100
1k
10k
100k
Gain=0dB
Frequency : f [Hz]
Figure 3. Voltage Gain vs Frequency
Figure 4. Bass Voltage Gain vs Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
BASS GAIN : -20dB to +20dB
/1dB step
fo : 100Hz
Q : 1
Frequency : f [Hz]


Podobny numer części - BD37512FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37512FS ROHM-BD37512FS Datasheet
112Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Podobny opis - BD37512FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com