Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37513FS Arkusz danych(PDF) 11 Page - Rohm

Numer części BD37513FS
Szczegółowy opis  Sound Processor with Built-in 2-band Equalizer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37513FS Arkusz danych(HTML) 11 Page - Rohm

Back Button BD37513FS_15 Datasheet HTML 7Page - Rohm BD37513FS_15 Datasheet HTML 8Page - Rohm BD37513FS_15 Datasheet HTML 9Page - Rohm BD37513FS_15 Datasheet HTML 10Page - Rohm BD37513FS_15 Datasheet HTML 11Page - Rohm BD37513FS_15 Datasheet HTML 12Page - Rohm BD37513FS_15 Datasheet HTML 13Page - Rohm BD37513FS_15 Datasheet HTML 14Page - Rohm BD37513FS_15 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
BD37513FS
11/26
TSZ02201-0C2C0E100430-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
(5) Select Address & Data
Items
Select
Address
(hex)
MSB
Data
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Initial setup 1
01
Advanced
switch
ON/OFF
0
Advanced switch time
of Input Gain/Volume
Tone/Fader/Loudness
0
0
Advanced switch time
of Mute
Initial setup 2
02
0
0
0
0
0
0
0
0
Initial setup 3
03
0
0
0
1
0
0
0
1
Input Selector
05
0
0
0
Input selector
Input gain
06
Mute
ON/OFF
0
0
Input Gain
Volume gain
20
Volume Gain / Attenuation
Fader 1ch Front
28
Fader Attenuation
Fader 2ch Front
29
Fader Attenuation
Fader 1ch Rear
2A
Fader Attenuation
Fader 2ch Rear
2B
Fader Attenuation
Test mode 1
2C
1
1
1
1
1
1
1
1
Test mode 2
41
0
0
1
0
0
0
0
1
Test mode 3
44
0
0
0
0
0
0
0
0
Test mode 4
47
0
0
0
1
0
0
0
1
Bass gain
51
Bass
Boost/
Cut
0
0
Bass Gain
Test mode 5
54
1
0
0
0
0
0
0
0
Treble gain
57
Treble
Boost/
Cut
0
0
Treble Gain
Loudness Gain
75
0
Loudness Hicut
Loudness Gain
System Reset
FE
1
0
0
0
0
0
0
1
Advanced switch
Note
1. The Advanced Switch works in the latch part while changing from one function to another.
2. Upon continuous data transfer, the Select Address rolls over because of the automatic increment function, as
shown below.
3. For the function of Input Selector etc, Advanced Switch is not used. Therefore, please apply mute on the set side
when changing these settings.
4. When using mute function of this IC at the time of changing input selector, please switch mute ON/OFF while
waiting for advanced-mute time.
→41→44→47→51→54→57→75
→01→02→03→05→06→20→28→29→2A→2B→2C


Podobny numer części - BD37513FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37513FS ROHM-BD37513FS Datasheet
113Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Podobny opis - BD37513FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com