Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37513FS-E2 Arkusz danych(PDF) 9 Page - Rohm

Numer części BD37513FS-E2
Szczegółowy opis  Sound Processor with Built-in 2-band Equalizer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37513FS-E2 Arkusz danych(HTML) 9 Page - Rohm

Back Button BD37513FS-E2 Datasheet HTML 5Page - Rohm BD37513FS-E2 Datasheet HTML 6Page - Rohm BD37513FS-E2 Datasheet HTML 7Page - Rohm BD37513FS-E2 Datasheet HTML 8Page - Rohm BD37513FS-E2 Datasheet HTML 9Page - Rohm BD37513FS-E2 Datasheet HTML 10Page - Rohm BD37513FS-E2 Datasheet HTML 11Page - Rohm BD37513FS-E2 Datasheet HTML 12Page - Rohm BD37513FS-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
BD37513FS
9/26
TSZ02201-0C2C0E100430-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Timing Chart
Control Signal Specification
(1) Electrical Specifications and Timing for bus Lines and I/O Stage
Figure 13. I2C-bus Signal Timing Diagram
Table 1 Characteristics of the SDA and SCL bus lines for I2C-bus devices
Parameter
Symbol
Fast-mode I2C-bus
Unit
Min
Max
1
SCL clock frequency
fSCL
0
400
kHz
2
Bus free time between a STOP and START condition
tBUF
1.3
μS
3
Hold time (repeated) START condition. After this period, the first clock
pulse is generated
tHD;STA
0.6
μS
4
LOW period of the SCL clock
tLOW
1.3
μS
5
HIGH period of the SCL clock
tHIGH
0.6
μS
6
Set-up time for a repeated START condition
tSU;STA
0.6
μS
7
Data hold time:
tHD;DAT
0.06(Note)
μS
8
Data set-up time
tSU;DAT
120
ns
9
Set-up time for STOP condition
tSU;STO
0.6
μS
All values referred to VIH Min and VIL Max Levels (see Table 2).
(Note) To avoid sending right after the fall-edge of SCL (VIH min of the SCL signal), the transmitting device should set a hold time of 300ns or more for the SDA
signal.
For 7(tHD;DAT), 8(tSU;DAT), make the setup in which the margin is fully in.
Table 2 Characteristics of the SDA and SCL I/O stages for I2C-bus devices
Parameter
Symbol
Fast-mode devices
Unit
Min
Max
10
LOW level input voltage:
VIL
-0.3
+1
V
11
HIGH level input voltage:
VIH
2.3
5
V
12
Pulse width of spikes which must be suppressed by the input filter.
tSP
0
50
ns
13
LOW level output voltage: at 3mA sink current
VOL1
0
0.4
V
14
Input current of each I/O pin with an input voltage between 0.4V and
4.5V.
II
-10
+10
μA
SDA
S
SCL
tLOW
tR
tHD;DAT
P
tHD;STA
tHIGH
tBUF
tF
tSU;DAT
tSU;STAT
tSU;STOT
tSP
tHD;STAT
Sr
P
Figure 14. I2C Data Transmission Command Timing Diagram
tBUF
:4us
tHD;STA
:2us
tHD;DAT
:1us
tLOW
:3us
tHIGH
:1us
tSU;DAT
:1us
tSU;STO
:2us
SCL clock frequency:250kHz
SCL
SDA
tHD;STA
:2µs
tHD;DAT
:1µs
tSU;DAT
:1µs
tSU;STO
:2µs
tLOW
:3µs
tHIGH
:1µs
tBUF
:4µs
SDA
SCL
SCL clock frequency : 250kHz


Podobny numer części - BD37513FS-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37513FS ROHM-BD37513FS Datasheet
113Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Podobny opis - BD37513FS-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37514FS ROHM-BD37514FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com