Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-817-00D Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard)

Numer części HCPL-817-00D
Szczegółowy opis  Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-817-00D Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-817-00D Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-817-00D Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-817-00D Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-817-00D Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-817-00D Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-817-00D Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Figure 10. Response time vs. load resistance.
Figure 11. Frequency response.
0.1
RL – LOAD RESISTANCE – kΩ
0.1
5
1
0.5
0.2
0.5
500
0.2
2
10
0.05
2
VCE = 2 V
IC = 2 mA
TA = 25°C
tf
tr
1
5
10
20
50
100
200
ts
td
f – FREQUENCY – kHz
1
20
500
5
20
10
210
50
0.5
0
100 200
RL = 10 kΩ
RL = 1 kΩ
RL = 100 Ω
VCE = 2 V
IC = 2 mA
TA = 25°C
Test Circuit for Response Time
Test Circuit for Frequency Response
VCC
RD
RL
OUTPUT
~
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
td
tr
tf
ts


Podobny numer części - HCPL-817-00D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-00DE AVAGO-HCPL-817-00DE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
More results

Podobny opis - HCPL-817-00D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-817-50AE AVAGO-HCPL-817-50AE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817 AVAGO-HCPL-817 Datasheet
247Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-00BE AVAGO-HCPL-817-00BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-36BE AVAGO-HCPL-817-36BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-300E AVAGO-HCPL-817-300E Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-30AE AVAGO-HCPL-817-30AE Datasheet
164Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
HCPL-817-56BE AVAGO-HCPL-817-56BE Datasheet
137Kb / 7P
   Phototransistor Optocoupler High Density Mounting Type
logo
Agilent(Hewlett-Packard...
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
List of Unclassifed Man...
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com