Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA04-600B Arkusz danych(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Numer części BTA04-600B
Szczegółowy opis  Advanced high cell denity trench technology for ultra RDS(ON)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KERSEMI [Kersemi Electronic Co., Ltd.]
Strona internetowa  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA04-600B Arkusz danych(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BTA04-600B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA04-600B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA04-600B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA04-600B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA04-600B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BTA04-600B
KERSMI ELECTRONIC CO.,LTD.
600V
www.kersemi.com
4


Podobny numer części - BTA04-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tiger Electronic Co.,Lt...
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
   4A TRIACS
logo
First Silicon Co., Ltd
BTA04-600B FS-BTA04-600B Datasheet
384Kb / 3P
   Glass passivated triacs in a plastic envelope, intended for use in applications requiring high bidirectional transient andblocking voltage capability and high thermal cycling performance.
More results

Podobny opis - BTA04-600B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kersemi Electronic Co.,...
KSM3710 KERSEMI-KSM3710 Datasheet
645Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2302 KERSEMI-KSM2302 Datasheet
321Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM13N50 KERSEMI-KSM13N50 Datasheet
695Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
BT151-6500R KERSEMI-BT151-6500R Datasheet
409Kb / 3P
   Advanced high cell denity trench technology for ultra RDS(ON)
KMB9540 KERSEMI-KMB9540 Datasheet
681Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM6N65 KERSEMI-KSM6N65 Datasheet
669Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM530 KERSEMI-KSM530 Datasheet
673Kb / 5P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM4N65 KERSEMI-KSM4N65 Datasheet
708Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2304 KERSEMI-KSM2304 Datasheet
284Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2307 KERSEMI-KSM2307 Datasheet
271Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
KSM2807 KERSEMI-KSM2807 Datasheet
648Kb / 4P
   Advanced high cell denity trench technology for ultra RDS(ON)
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com