Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB08-XXXSW Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części BTB08-XXXSW
Szczegółowy opis  8A TRIACS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08-XXXSW Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button BTB08-XXXSW Datasheet HTML 3Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 4Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 5Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 6Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 7Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 8Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 9Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 10Page - STMicroelectronics BTB08-XXXSW Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
BTA08, BTB08 and T8 Series
11/11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners
© 2006 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Podobny numer części - BTB08-XXXSW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTB08-XXXSW STMICROELECTRONICS-BTB08-XXXSW Datasheet
274Kb / 21P
   Snubberless™, logic level and standard 8 A Triacs
DS2114 - Rev 15 - August 2018
More results

Podobny opis - BTB08-XXXSW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BTA08 UTC-BTA08_15 Datasheet
195Kb / 3P
   8A TRIACS
BTA08A UTC-BTA08A_15 Datasheet
200Kb / 4P
   8A TRIACS
BTB08A UTC-BTB08A Datasheet
187Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT8 JIEJIE-ACJT8 Datasheet
390Kb / 6P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
T810-600B TGS-T810-600B Datasheet
56Kb / 1P
   8A TRIACS
BTA08-600B TGS-BTA08-600B Datasheet
93Kb / 1P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Unisonic Technologies
BTA08A UTC-BTA08A Datasheet
170Kb / 4P
   8A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST08 JIEJIE-JST08 Datasheet
554Kb / 5P
   8A TRIACs
JST08I JIEJIE-JST08I Datasheet
562Kb / 5P
   8A TRIACs
logo
Tiger Electronic Co.,Lt...
BTA08-600C TGS-BTA08-600C Datasheet
31Kb / 1P
   8A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com