Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA2K0PH5R00KE Arkusz danych(PDF) 2 Page - Ohmite Mfg. Co.

Numer części TA2K0PH5R00KE
Szczegółowy opis  High Energy Rating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TA2K0PH5R00KE Arkusz danych(HTML) 2 Page - Ohmite Mfg. Co.

  TA2K0PH5R00KE Datasheet HTML 1Page - Ohmite Mfg. Co. TA2K0PH5R00KE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
145
Test
Method
Maximum ∆R
Short Time
Overload
1.14 x √P*R / 10 sec @ 70°C
Max % ∆Rsto =
±(2% + 0.05Ω)
Moisture
Resistance
(TA1K0) 1000 hrs @ 40°C, 90-95% RH
(TA2K0) 1750 hrs @ 40°C, 90-95% RH
≤1%
≤1%
Thermal Shock MIL-STD-202, Method 107
MIL-STD-202,
Method 107
Vibration, elec. MIL-STD-202, Method 201
±2% Resistance
Vibration, mech. MIL-STD-202, Method 201
No Loose
Terminal Screws
Load Life (TA1K0) 1000 Hrs 90 min ON / 30 min OFF
(TA2K0) 1750 Hrs 90 min ON / 30 min OFF
≤1%
≤1%
Pulse Tolerance 52µF @ 2KV / 60 sec intervals, 104J,
20,000 Pulses
≤1%
Dielectric
Strength
6KVDC for 1 minute
≤1%
TA 1K0PH2R50K E
Style
Package
Type
Resistance
2.5Ω = 2R50
50Ω = 50R0
Tolerance
K = 10% (standard)
L = 20%
Wattage
RoHS Compliant
0.798"
(20.26mm)
3.000"
(76.20mm)
ø10-32
1.308"
(33.21mm)
0.193"
(4.89mm)
1.622"
(41.20mm)
0.689"
(17.50mm)
ø0.172"
(4.37mm)
0.450"
(11.43mm)
0.300"
(7.62mm)
0.188"
(4.76mm)
1.308"
(33.21mm)
(same dimensions)
1000 Watt
Ohms
10% Tolerance
0.5 TA1K0PHR500KE
1
TA1K0PH1R00KE
2.5 TA1K0PH2R50KE
5
TA1K0PH5R00KE
7.5 TA1K0PH7R50KE
10
TA1K0PH10R0KE
15
TA1K0PH15R0KE
25
TA1K0PH25R0KE
50
TA1K0PH50R0KE
100
TA1K0PH100RKE
250
TA1K0PH250RKE
500
TA1K0PH500RKE
750
TA1K0PH750RKE
1000
TA1K0PH1K00KE
2000 Watt
Ohms
10% Tolerance
0.5 TA2K0PHR500KE
1
TA2K0PH1R00KE
2.5 TA2K0PH2R50KE
5
TA2K0PH5R00KE
7.5 TA2K0PH7R50KE
10
TA2K0PH10R0KE
15
TA2K0PH15R0KE
25
TA2K0PH25R0KE
50
TA2K0PH50R0KE
100
TA2K0PH100RKE
250
TA2K0PH250RKE
500
TA2K0PH500RKE
750
TA2K0PH750RKE
1000
TA2K0PH1K00KE
A PP lic AT ion no T es
Proper heat sinking techniques are essential to performance of
a TAP resistor. Pleased follow these guidelines when designing
TAP system:
• Heats sink plate (base plate of the resistor) temperature
must be monitored to establish proper de-rating. Best tech-
nique is to attach a thermocouple to the side of the base
plate of the resistor. Temperature of plastic housing or heat
sink cannot be used to establish rating of the resistor. Usage
of laser thermometers should be avoided.
• To obtain a power rating of 1000W or 2000W, the bottom
case temp must not exceed 85°C. This can only be achieved
if the thermal conduction to the heatsink Rth-cs<0.025°K/W.
This value can be reached by using thermal transfer com-
pound with a heat conductivity of 1W/mK. The flatness of
the cooling plate must be better than 0.05mm overall. The
roughness of the surface should not exceed 6.4µm.
• Due to very high power density, only liquid cooled heat sinks
are recommended for applications when >300W power rating
is desired.
• Properly designed heat sink should have more than 2 cooling
pipes under the surface of the TAP resistor. The Ohmite CP4
heat sink (http://www.ohmite.com/cat/sink_cp4.pdf) is an
example of properly designed heat sink.
TAP1000 & 2000
1000 & 2000 Watt Heat Sinkable Planar
Standard Part Numbers
ordering in F orm AT ion
dimensions
(in./mm)


Podobny numer części - TA2K0PH5R00KE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Magnetrol International...
TA2 MAGNETROL-TA2 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TA2 TRUMPOWER-TA2 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
logo
TiMOTION Technology Co....
TA2 TIMOTION-TA2 Datasheet
807Kb / 10P
   Max. load 1,000N (push/pull)
20230814-V
logo
Tumbler Technologies + ...
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2-4D1205 TRUMPOWER-TA2-4D1205 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Podobny opis - TA2K0PH5R00KE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tadiran Batteries GmbH
TLP-93111-A TADIRN-TLP-93111-A Datasheet
288Kb / 1P
   High energy
TLP-93311-A TADIRN-TLP-93311-A Datasheet
309Kb / 1P
   High energy
TLP-97311-A TADIRN-TLP-97311-A Datasheet
276Kb / 1P
   High energy
TLP-92111-A TADIRN-TLP-92111-A Datasheet
290Kb / 1P
   High energy
TLP-96111-A TADIRN-TLP-96111-A Datasheet
258Kb / 1P
   High energy
TLP-96311-A TADIRN-TLP-96311-A Datasheet
272Kb / 1P
   High energy
TLP-97111-A TADIRN-TLP-97111-A Datasheet
274Kb / 1P
   High energy
TLP-91111-A TADIRN-TLP-91111-A Datasheet
280Kb / 1P
   High energy
TLP-91311-A TADIRN-TLP-91311-A Datasheet
278Kb / 1P
   High energy
TLP-92311-A TADIRN-TLP-92311-A Datasheet
313Kb / 1P
   High energy
More results


Html Pages

1 2