Zakładka z wyszukiwarką danych komponentów |
|
LM2936M-5.0 Arkusz danych(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM2936M-5.0 Arkusz danych(HTML) 3 Page - National Semiconductor (TI) |
3 / 9 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Input Voltage (Survival) +60V, −50V ESD Susceptibility (Note 2) 2000V Power Dissipation (Note 3) Internally limited Junction Temperature (T Jmax) 150˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering, 10 sec.) 260˚C Operating Ratings Operating Temperature Range −40˚C to +125˚C Maximum Input Voltage (Operational) 40V TO-92 (Z03A) θ JA 195˚C/W SO-8 (M08A) θ JA 140˚C/W SO-8 (M08A) θ JC 45˚C/W TO-252 (TD03B) θ JA 136˚C/W TO-252 (TD03B) θ JC 6˚C/W SOT-223 (MA04A) θ JA 149˚C/W SOT-223 (MA04A) θ JC 36˚C/W Electrical Characteristics V IN = 14V, IO = 10 mA, TJ = 25˚C, unless otherwise specified. Boldface limits apply over entire operating temperature range Typical Tested Parameter Conditions (Note 4) Limit Units (Note 5) Output Voltage 5.5V ≤ V IN ≤ 26V, 4.85 V min I O ≤ 50 mA (Note 6) 5 V 5.15 V max Quiescent Current I O = 100 µA, 8V ≤ VIN ≤ 24V 9 15 µA max I O = 10 mA, 8V ≤ VIN ≤ 24V 0.20 0.50 mA max I O = 50 mA, 8V ≤ VIN ≤ 24V 1.5 2.5 mA max Line Regulation 9V ≤ V IN ≤ 16V 5 10 mV max 6V ≤ V IN ≤ 40V, IO = 1mA 10 30 Load Regulation 100 µA ≤ I O ≤ 5mA 10 30 mV max 5mA ≤ I O ≤ 50 mA 10 30 Dropout Voltage I O = 100 µA 0.05 0.10 V max I O = 50 mA 0.20 0.40 V max Short Circuit Current V O = 0V 120 65 mA min 250 mA max Output Impedance I O = 30 mAdc and 10 mArms, 450 m Ω f = 1000 Hz Output Noise Voltage 10 Hz–100 kHz 500 µV rms Long Term Stability 20 mV/1000 Hr Ripple Rejection V ripple = 1Vrms, fripple = 120 Hz 60 40 dB min Reverse Polarity R L = 500Ω,VO ≥ −0.3V −15 V min DC Input Voltage Reverse Polarity R L = 500Ω,T = 1 ms −80 −50 V min Transient Input Voltage Output Leakage with V IN = −15V, RL = 500Ω −0.1 −600 µA max Reverse Polarity Input Maximum Line Transient R L = 500Ω,VO ≤ 5.5V, T = 40 ms 60 V min Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating ratings. Note 2: Human body model, 100 pF discharge through a 1.5 k Ω resistor. Note 3: The maximum power dissipation is a function of TJmax, θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJmax −TA)/θJA. If this dissipation is exceeded, the die temperature will rise above 150˚C and the LM2936 will go into thermal shutdown. Note 4: Typicals are at 25˚C (unless otherwise specified) and represent the most likely parametric norm. Note 5: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level) and 100% tested. Note 6: To ensure constant junction temperature, pulse testing is used. www.national.com 3 |
Podobny numer części - LM2936M-5.0 |
|
Podobny opis - LM2936M-5.0 |