Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37524FS Arkusz danych(PDF) 5 Page - Rohm

Numer części BD37524FS
Szczegółowy opis  Sound Processor with Built-in 3-band Equalizer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37524FS Arkusz danych(HTML) 5 Page - Rohm

  BD37524FS_15 Datasheet HTML 1Page - Rohm BD37524FS_15 Datasheet HTML 2Page - Rohm BD37524FS_15 Datasheet HTML 3Page - Rohm BD37524FS_15 Datasheet HTML 4Page - Rohm BD37524FS_15 Datasheet HTML 5Page - Rohm BD37524FS_15 Datasheet HTML 6Page - Rohm BD37524FS_15 Datasheet HTML 7Page - Rohm BD37524FS_15 Datasheet HTML 8Page - Rohm BD37524FS_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
BD37524FS
5/31
TSZ02201-0C2C0E100490-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Electrical Characteristics - continued
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Mute Attenuation *
GMUTE
-105
-85
dB
Mute ON
GMUTE=20log(VOUT/VIN)
BW = IHF-A
Maximum Gain
GV_MAX
13
15
17
dB
Volume = 15dB
VIN=100mVrms
GV=20log(VOUT/VIN)
Maximum Attenuation *
GV_MIN
-100
-85
dB
Volume = -
∞dB
GV=20log(VOUT/VIN)
BW = IHF-A
Attenuation Set Error 1
GV_ERR1
-2
0
+2
dB
GAIN & ATT=+15dB to -15dB
Attenuation Set Error 2
GV_ERR2
-3
0
+3
dB
ATT=-16dB to -47dB
Attenuation Set Error 3
GV_ERR3
-4
0
+4
dB
ATT=-48dB to -79dB
Maximum Boost Gain
GB_BST
18
20
22
dB
Gain=+20dB f=100Hz
VIN=100mVrms
GB=20log (VOUT/VIN)
Maximum Cut Gain
GB_CUT
-22
-20
-18
dB
Gain=-20dB f=100Hz
VIN=2Vrms
GB=20log (VOUT/VIN)
Gain Set Error
GB_ERR
-2
0
+2
dB
Gain=+20dB to -20dB f=100Hz
Maximum Boost Gain
GM_BST
18
20
22
dB
gain=+20dB f=1KHz
VIN=100mVrms
GM=20log (VOUT/VIN)
Maximum Cut Gain
GM_CUT
-22
-20
-18
dB
Gain=-20dB f=1KHz
VIN=2Vrms
GM=20log (VOUT/VIN)
Gain Set Error
GM_ERR
-2
0
+2
dB
Gain=+20dB to -20dB f=1KHz
Maximum Boost Gain
GT_BST
18
20
22
dB
Gain=+20dB f=10kHz
VIN=100mVrms
GT=20log (VOUT/VIN)
Maximum Cut Gain
GT_CUT
-22
-20
-18
dB
Gain=-20dB f=10kHz
VIN=2Vrms
GT=20log (VOUT/VIN)
Gain Set Error
GT_ERR
-2
0
+2
dB
Gain=+20dB to -20dB f=10kHz
Maximum Boost Gain
GF_BST
13
15
17
dB
Fader=15dB
VIN=100mVrms
GF=20log(VOUT/VIN)
Maximum Attenuation
GF_MIN
-100
-90
dB
Fader = -
∞dB
GF=20log(VOUT/VIN)
BW = IHF-A
Gain Set Error
GF_ERR
-2
0
+2
dB
Gain=+15dB to +1dB
Attenuation Set Error 1
GF_ERR1
-2
0
+2
dB
ATT=-1dB to -15dB
Attenuation Set Error 2
GF_ERR2
-3
0
+3
dB
ATT=-16dB to -47dB
Attenuation Set Error 3
GF_ERR3
-4
0
+4
dB
ATT=-48dB to -79dB
Output Impedance
ROUT
50
Ω
VIN =100mVrms
Maximum Output Voltage
VOM
2
2.2
Vrms
THD+N=1%
BW=400Hz-30KHz
Maximum Gain
GL_MAX
17
20
23
dB
Gain 20dB
VIN=100mVrms
GL=20log(VOUT/VIN)
Gain Set Error
GL_ERR
-2
0
+2
dB
GAIN=+20dB to +1dB
Maximum Output Voltage
VL_MAX
2.8
3.1
3.5
V
Output Offset Voltage
VL_OFF
0
100
mV
VP-9690A(Average value detection, effective value display) filter by Matsushita Communication is used for * measurement.
Phase between input / output is same.


Podobny numer części - BD37524FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
More results

Podobny opis - BD37524FS_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com