Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD37543FS Arkusz danych(PDF) 8 Page - Rohm

Numer części BD37543FS
Szczegółowy opis  Sound Processor with Built-in 3-band Equalizer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD37543FS Arkusz danych(HTML) 8 Page - Rohm

Back Button BD37543FS Datasheet HTML 4Page - Rohm BD37543FS Datasheet HTML 5Page - Rohm BD37543FS Datasheet HTML 6Page - Rohm BD37543FS Datasheet HTML 7Page - Rohm BD37543FS Datasheet HTML 8Page - Rohm BD37543FS Datasheet HTML 9Page - Rohm BD37543FS Datasheet HTML 10Page - Rohm BD37543FS Datasheet HTML 11Page - Rohm BD37543FS Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
BD37543FS
8/37
TSZ02201-0C2C0E100580-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
fo : 500/1k/1.5k/2.5kHz
MIDDLE GAIN :
±20dB
Q : 0.75
Typical Performance Curves
– continued
Figure 5. Bass fo vs Freq
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
fO : 60/80/100/120Hz
BASS GAIN : ±20dB
Q : 0.5
Figure 5. Bass fo vs Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Q : 0.5/1/1.5/2
BASS GAIN : ±20dB
fO : 60Hz
Frequency [Hz]
Figure 6. Bass Q vs Frequency
-25
-20
-15
-10
-5
0
5
10
15
20
25
10
100
1k
10k
100k
Frequency [Hz]
MIDDLE GAIN :
-20dB to +20dB /1dB step
fO: 500Hz
Q : 0.75
Figure 7. Middle Gain vs Frequency
Figure 8. Middle fo vs Frequency


Podobny numer części - BD37543FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37543FS ROHM-BD37543FS Datasheet
175Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Podobny opis - BD37543FS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com