Zakładka z wyszukiwarką danych komponentów |
|
BC848S Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
|
BC848S Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd |
1 / 3 page JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD SOT-363 Plastic-Encapsulate Transistors BC848S DUAL TRANSISTOR (NPN+NPN) APPLICATION This device is designed for general purpose amplifier applications Marking : 2C MAXIMUM RATINGS (Ta=25 ℃ unless otherwise noted) Symbol Parameter Value Units VCBO Collector-Base Voltage 30 V VCEO Collector-Emitter Voltage 30 V VEBO Emitter-Base Voltage 6 V IC Collector Current-Continuous 100 mA PD Power Dissipation 200 mW RθJA Thermal Resistance from Junction to Ambient 625 ℃/W Tj Junction Temperature 150 ℃ Tstg Storage Temperature Range -55~+150 ℃ ELECTRICAL CHARACTERISTICS (Ta=25 ℃ unless otherwise specified) Parameter Symbol Test conditions Min Typ Max Unit Collector-base breakdown voltage V(BR)CBO IC=10µA,IE=0 30 V Collector-emitter breakdown voltage V(BR)CEO IC=1mA,IB=0 30 V Emitter-base breakdown voltage V(BR)EBO IE=10µA,IC=0 6 V Collector cut-off current ICBO VCB=30V,IE=0 100 nA Collector cut-off current ICEO VCE=30V,IE=0 100 nA Emitter cut-off current IEBO VEB =5V,IC=0 100 nA DC current gain* hFE* VCE=5V,IC=2mA 420 800 Collector-emitter saturation voltage VCE(sat)(1)* IC=10mA,IB=0.5mA 0.25 V VCE(sat)(2)* IC=100mA,IB=5mA 0.6 V Base-emitter voltage VBE(sat)* IC=10mA,IB=0.5mA 0.7 V IC=100mA,IB=5mA 0.9 V Base-emitter voltage VBE(on) * VCE=5V,IC=2mA 0.58 0.7 V VCE=5V,IC=10mA 0.77 V Transition frequency fT VCE=5V,IC=10mA ,f=100MHz 100 MHz Collector output capacitance Cob VCB=10V,IE=0,f=1MHz 4.5 pF *pulse test: Pulse Width ≤300μs, Duty Cycle≤ 2.0%. SOT-363 www.cj-elec.com 1 B,Mar,2016 |
Podobny numer części - BC848S |
|
Podobny opis - BC848S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |