Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3-102-445 Arkusz danych(PDF) 2 Page - Schurter Inc.

Numer części 3-102-445
Szczegółowy opis  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-102-445 Arkusz danych(HTML) 2 Page - Schurter Inc.

  3-102-445 Datasheet HTML 1Page - Schurter Inc. 3-102-445 Datasheet HTML 2Page - Schurter Inc. 3-102-445 Datasheet HTML 3Page - Schurter Inc. 3-102-445 Datasheet HTML 4Page - Schurter Inc. 3-102-445 Datasheet HTML 5Page - Schurter Inc. 3-102-445 Datasheet HTML 6Page - Schurter Inc. 3-102-445 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Metal Line Switches
MSM CS 19
www.schurter.com /PG70
Switches
Technical Data
Electrical Data
Switching Function
N.O. / N.C.
Number of Poles
1-pole
Supply Voltage
24 / 12 / 5 VDC Surface backlighting
Micro Switch 5 A / 125 VAC or 3 A / 250 VAC, IP40
Contact Material
Ag
Switching Voltage
max. 125 / 250 VAC
Switching Current
max. 5 / 3 A
Rated Switching Capacity
750 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 0,1 A / 30 VDC, IP40
Contact Material
Au
Switching Voltage
max. 30 VDC
Switching Current
max. 0.1 A
Rated Switching Capacity
3 W
Lifetime
0.2 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 50 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch for Electrical Rating 10 A / 250 VAC (Protection Class
IP40)
Contact Material
Ag
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Contact Resistance
< 30 m
Ω
Insulation Resistance
> 100 M
Ω
Duration of Bounce
< 5 ms
Micro Switch 5 A / 250 VAC, IP67
Switching Voltage
max. 250 VAC
Switching Current
max. 5
Rated Switching Capacity
1250 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 0,1 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 0.1
Rated Switching Capacity
25 W
Lifetime
0.05 million actuations at Rated Swit-
ching Capacity
Micro Switch 10 A / 250 VAC, IP67 - on request
Switching Voltage
max. 250 VAC
Switching Current
max. 10 A
Rated Switching Capacity
2500 W
Lifetime
0.01 million actuations at Rated Swit-
ching Capacity
Mechanical Data
Actuating Force
4.5 N
Actuating Travel
1.0 mm,
Lifetime
1.5 million actuations
Shock Protection
IK 07
Tightening Torque Plastic Nut
max. 4.5 Nm for thread M19, 3.5 Nm
for M22
Tightening Torque Stainless
Steel Nut
max. 12 Nm for thread M19, 16 Nm for
M22
Climatical Data
Operating Temperature
-25 to +85 °C
Storage Temperature
-25 to +85 °C
IP-Protection
IP 65 Front Side Contact Area, IP
40 Front Side mechanical, IP 40 / IP
67 Rear Side Contact Area optional
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housings
Stainless Steel
Actuator
Ceramic (Zirconium Dioxide)
Light Conductor (Point Illumi-
nation)
NBR70
Illuminated Ring (Ring Illumi-
nation)
PA


Podobny numer części - 3-102-445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
3-102-446 SCHURTER-3-102-446 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results

Podobny opis - 3-102-445

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
MSMCS22 SCHURTER-MSMCS22 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS19 SCHURTER-MSMCS19 Datasheet
803Kb / 8P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_V02 Datasheet
914Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com