Zakładka z wyszukiwarką danych komponentów |
|
MC74AC139DTR2G Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
MC74AC139DTR2G Arkusz danych(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC74AC139, MC74ACT139 www.onsemi.com 5 DC CHARACTERISTICS Symbol Parameter VCC (V) 74ACT 74ACT Unit Conditions TA = +25°C TA = −40 °C to +85°C Typ Guaranteed Limits VIH Minimum High Level Input Voltage 4.5 1.5 2.0 2.0 V VOUT = 0.1 V 5.5 1.5 2.0 2.0 or VCC − 0.1 V VIL Maximum Low Level Input Voltage 4.5 1.5 0.8 0.8 V VOUT = 0.1 V 5.5 1.5 0.8 0.8 or VCC − 0.1 V VOH Minimum High Level Output Voltage 4.5 4.49 4.4 4.4 V IOUT = −50 mA 5.5 5.49 5.4 5.4 *VIN = VIL or VIH 4.5 − 3.86 3.76 V IOH −24 mA 5.5 − 4.86 4.76 −24 mA VOL Maximum Low Level Output Voltage 4.5 0.001 0.1 0.1 V IOUT = 50 mA 5.5 0.001 0.1 0.1 *VIN = VIL or VIH 4.5 − 0.36 0.44 V IOL 24 mA 5.5 − 0.36 0.44 24 mA IIN Maximum Input Leakage Current 5.5 − ±0.1 ±1.0 mA VI = VCC, GND DICCT Additional Max. ICC/Input 5.5 0.6 − 1.5 mA VI = VCC − 2.1 V IOLD †Minimum Dynamic Output Current 5.5 − − 75 mA VOLD = 1.65 V Max IOHD 5.5 − − −75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 − 8.0 80 mA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. AC CHARACTERISTICS Symbol Parameter VCC* (V) 74ACT 74ACT Unit Fig. No. TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Min Typ Max Min Max tPLH Propagation Delay An to On 5.0 1.5 6.0 8.5 1.5 9.5 ns 3−6 tPHL Propagation Delay An to On 5.0 1.5 6.0 9.5 1.5 10.5 ns 3−6 tPLH Propagation Delay En to On 5.0 2.5 7.0 10.0 2.0 11.0 ns 3−6 tPHL Propagation Delay En to On 5.0 2.0 7.0 9.5 1.5 10.5 ns 3−6 *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 40 pF VCC = 5.0 V |
Podobny numer części - MC74AC139DTR2G |
|
Podobny opis - MC74AC139DTR2G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |