Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74CBTLV3244QG8 Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części 74CBTLV3244QG8
Szczegółowy opis  LOW-VOLTAGE OCTAL BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV3244QG8 Arkusz danych(HTML) 3 Page - Integrated Device Technology

  74CBTLV3244QG8 Datasheet HTML 1Page - Integrated Device Technology 74CBTLV3244QG8 Datasheet HTML 2Page - Integrated Device Technology 74CBTLV3244QG8 Datasheet HTML 3Page - Integrated Device Technology 74CBTLV3244QG8 Datasheet HTML 4Page - Integrated Device Technology 74CBTLV3244QG8 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV3244
LOW-VOLTAGEOCTALBUSSWITCH
3
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIK
Control Inputs, Data Inputs
VCC = 3V, II = –18mA
–1.2
V
II
Control Inputs
VCC = 3.6V, VI = VCC or GND
±1
μA
IOZ
Data I/O
VCC = 3.6V, VO = 0 or 3.6V, switch disabled
5
μA
IOFF
VCC = 0, VI or VO = 0 to 3.6V
50
μA
ICC
VCC = 3.6V, IO = 0, VI = VCC or GND
10
μA
ΔICC(1)
Control Inputs
VCC = 3.6V, one input at 3V, other inputs at VCC or GND
300
μA
CI
Control Inputs
VI = 3V or 0
4
pF
CIO(OFF)
VO = 3V or 0, OE = VCC
—6
pF
VCC = 2.3V
VI = 0
IO = 64mA
5
8
Typ. at VCC = 2.5V
IO = 24mA
5
8
RON(2)
VI = 1.7V
IO = 15mA
27
40
Ω
VI = 0
IO = 64mA
5
7
VCC = 3V
IO = 24mA
5
7
VI = 2.4V
IO = 15mA
10
15
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Conditions: TA = –40°C to +85°C
NOTES:
1. The increase in supply current is attributable to each current that is at the specified voltage level rather than VCC or GND.
2. This is measured by the voltage drop between the A and B terminals at the indicated current through the switch.
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPD(1)
PropagationDelay
0.15
0.25
ns
A to B or B to A
tEN
OutputEnableTime
1
4.5
1
4
ns
OE to A or B
tDIS
OutputDisableTime
1
4.5
1
5
ns
OE to A or B
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance driven by an ideal voltage source
(zero output impedance).
SWITCHINGCHARACTERISTICS


Podobny numer części - 74CBTLV3244QG8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
74CBTLV3244QG8 RENESAS-74CBTLV3244QG8 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
More results

Podobny opis - 74CBTLV3244QG8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
logo
Renesas Technology Corp
74CBTLV3244 RENESAS-74CBTLV3244 Datasheet
263Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Texas Instruments
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com