Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK1744 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części STK1744
Szczegółowy opis  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK1744 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STK1744 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK1744 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STK1744
January 2003
8
Document Control # ML0020 rev 0.0
STK1744 clock registers before reading clock data
to prevent reading of data in transition. Stopping the
internal register updates does not affect clock accu-
racy.
The updating process is stopped by writing a “1” to
the read bit (the second most significant bit in the
control register 7FF8), and will not restart until a “0”
is written to the read bit. The RTC registers can
then be read while the internal clock continues to
run.
Within one second after a “0” is written to the read
bit, all STK1744 registers are simultaneously
updated.
SRAM WRITE AND
SETTING THE CLOCK
A WRITE cycle is performed whenever E and W are
low. The address inputs must be stable prior to
entering the WRITE cycle and must remain stable
until either E or W goes high at the end of the cycle.
The data on the common I/O pins DQ
0-7 will be writ-
ten into the memory if it is valid t
DVWH before the end
of a W controlled WRITE or t
DVEH before the end of
an E controlled WRITE.
It is recommended that G be kept high during the
entire WRITE cycle to avoid data bus contention on
the common I/O lines. If G is left low, internal cir-
cuitry will turn off the output buffers t
WLQZ after W
goes low.
Setting the write bit (the MSB of the control register
7FF8) to a “1” halts updates to the STK1744 regis-
ters. The correct day, date and time can then be
written into the registers in 24-hour BCD format.
Resetting the write bit to “0” transfers those values
to the actual clock counters, after which the clock
resumes normal operation.
FREQUENCY TEST BIT
As shown in the RTC Register Map, bit 6 of the day
byte is the frequency test (FT) bit. When the FT bit
is set to logic “1”, the LSB of the seconds register
will toggle at 512Hz. When the seconds register is
being read, the DQ
0 line will toggle at 512Hz as
long as conditions for access remain valid (i.e., CE
low, OE low, WE high and the address for the sec-
onds register valid and stable). The FT bit must be
reset to “0” in order to resume reading the time
from the seconds register.
CLOCK ACCURACY
The STK1744 is guaranteed to be accurate to
within ± 1 minute per month at 25
°C. The part
requires no additional calibration, and temperature
variations will have a negligible effect in most appli-
cations.
DATA RETENTION MODE
During normal operation (V
CC ≥ 4.5V), the STK1744
can be accessed with standard SRAM READ and
WRITE
cycles. However, when V
CC falls below the
power-fail voltage, V
SWITCH (the voltage at which
write protection occurs), access to the internal clock
register and the SRAM is blocked. At this voltage,
SRAM
data is automatically stored to the integral
Nonvolatile Elements, and power for the clock oscil-
lator switches from the V
CC pin to the internal capac-
itor. The capacitor maintains clock activity and clock
data until V
CC returns to its nominal level.
SOFTWARE NONVOLATILE STORE
The STK1744 software STORE cycle is initiated by
executing sequential READ cycles from six specific
address locations. During the STORE cycle an erase
of the previous nonvolatile data is first performed,
followed by a program of the nonvolatile elements.
The program operation copies the SRAM data into
nonvolatile memory. Once a STORE cycle is initi-
ated, further input and output are disabled until the
cycle is completed.
Because a sequence of READs from specific
addresses is used for STORE initiation, it is impor-
tant that no other READ or WRITE accesses inter-
vene in the sequence or the sequence will be
aborted and no STORE or RECALL will take place.
To initiate the software STORE cycle, the following
READ
sequence must be performed:
1. Read address
0E38 (hex)
Valid READ
2. Read address
31C7 (hex)
Valid READ
3. Read address
03E0 (hex)
Valid READ
4. Read address
3C1F (hex)
Valid READ
5. Read address
303F (hex)
Valid READ
6. Read address
0FC0 (hex)
Initiate STORE cycle
The software sequence must be clocked with E
controlled READs.
Once the sixth address in the sequence has been
entered, the STORE cycle will commence and the
SRAM
will be disabled. The clock addresses may be


Podobny numer części - STK1744

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25 ETC-STK1743-D25 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25I ETC-STK1743-D25I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35 ETC-STK1743-D35 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35I ETC-STK1743-D35I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
More results

Podobny opis - STK1744

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com