Zakładka z wyszukiwarką danych komponentów |
|
2N3738 Arkusz danych(PDF) 2 Page - Seme LAB |
|
2N3738 Arkusz danych(HTML) 2 Page - Seme LAB |
2 / 2 page Document Number 6051 Issue 1 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. 2N3738 Parameter Test Conditions Min. Typ. Max. Unit 225 0.1 0.25 0.5 1.0 0.1 30 40 200 25 2.5 1.0 10 20 35 V mA mA mA mA mA — V MHz pF — IC = 5mA IB = 0 VCB = 250V IE = 0 VCE = 125V IB = 0 VCE = 250V VBE(OFF) = 1.5V VCE = 125V VBE(OFF) = 1.5V TC = 100°C VEB = 6V IC = 50mA VCE = 10V IC = 100mA VCE = 10V IC = 250mA VCE = 10V IC = 250mA IB = 25mA IC = 100mA VCE = 10V IC = 100mA VCE = 10V f = 10MHz VCB = 100V IE = 0 f = 100KHz IC = 100mA VCE = 20V f = 1KHz ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated) Collector– Emitter Breakdown Voltage Collector Base Cut–Off Current Collector Emiiter Cut–Off Current Collector Cut–Off Current Emitter Base Cut–Off Current DC Current Gain Collector – Emitter Saturation Voltage Base – Emitter on Voltage Transition Frequency Output Capacitance Small Signal Current Gain * Pulse Width ≤ 300µs , Duty Cycle < 2% VCEO(BR)* ICBO ICEO ICEV IEBO hFE* VCE(sat)* VBE(on)* fT Cob hfe DYNAMIC CHARACTERISTICS ELECTRICAL CHARACTERISTICS |
Podobny numer części - 2N3738 |
|
Podobny opis - 2N3738 |