Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M040103 Arkusz danych(PDF) 1 Page - E-SWITCH

Numer części M040103
Szczegółowy opis  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  E-SWITCH [E-SWITCH]
Strona internetowa  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

M040103 Arkusz danych(HTML) 1 Page - E-SWITCH

  M040103 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R4BBLKBLKREDEF1
1:1
7/22/2002
M040103
G
MM
1
1
1a
1b
1
1a
33.00
[1.299 in]
15.00
[.591 in]
8.00
[.315 in]
36.00
[1.417 in]
6.80
[.268 in]
8.50
[.335 in]
10.60
[.417 in]
2.00
[.079 in]
17.00
[.669 in]
10.00
[.394 in]
6.35
[.250 in]
27.10
[1.067 in]
PANEL THICKNESS
X
`0.05
0.75-1.25
1.25-2.00
2.00-3.00
29.6-29.7
30.1-30.2
30.45-30.55
RECOMMENDED PANEL MOUNTING
X
11.15 `0.05
[.439 `.002]
HOUSING COLOR: BLACK
ROCKER COLOR: BLACK
F
15994
UPDATE NOTES AND DIMS
04/28/06
CT
3
11.40
[.449 in]
.80
[.031 in]
POS. 1
POS. 3
SWITCH FUNCTION
ON
OFF
1-1a
OPEN
1
1b
1a
CIRCUIT: SPST
L
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A 125VAC, 16A 250VAC UL APPROVED
16A 250VAC VDE APPROVED
5. ELECTRICAL LIFE: OVER 10,000 CYCLES
6. MECHANICAL LIFE: OVER 30,000 CYCLES
7. CONTACT RESISTANCE: <20 m
(INITIAL)
8. DIELECTRIC STRENGTH: >1500V 1 min
9. INSULATION RESISTANCE: >1,000 m
@ 500V DC
10. LAMP VOLTAGE: NEON 125VAC
11. OPERATING TEMPERATURE: TERMINAL SIDE -20
~C to 85~C
ROCKER SIDE -20
~C to 55~C
12.
DENOTES CRITICAL PARAMETER
13. 2002/95/EC (ROHS) COMPLIANT
1
G
19899
UPDATE DRAWING
05/02/11
BMA
LENS COLOR: RED


Podobny numer części - M040103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
M040100 E-SWITCH-M040100 Datasheet
162Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040101 E-SWITCH-M040101 Datasheet
160Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040102 E-SWITCH-M040102 Datasheet
161Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040104 E-SWITCH-M040104 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M040105 E-SWITCH-M040105 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Podobny opis - M040103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com