Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

0001.1011.TR Arkusz danych(PDF) 3 Page - Schurter Inc.

Numer części 0001.1011.TR
Szczegółowy opis  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1011.TR Arkusz danych(HTML) 3 Page - Schurter Inc.

  0001.1011.TR Datasheet HTML 1Page - Schurter Inc. 0001.1011.TR Datasheet HTML 2Page - Schurter Inc. 0001.1011.TR Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Non resettable fuses
SP 5x20 Pigtail
www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
5
250
1)
250
160
4000
2400
30.8
l
0001.1011.PT
5
250
1)
250
160
4000
2400
30.8
l
0001.1011.TR
6.3
250
1)
200
150
4000
3200
36.7
l
0001.1012.PT
6.3
250
1)
200
150
4000
3200
36.7
l
0001.1012.TR
8
250
1)
200
140
4000
3900
81.9
l
0001.1013.PT
8
250
1)
200
140
4000
3900
81.9
l
0001.1013.TR
10
250
1)
200
130
4000
4700
141
l
0001.1014.PT
10
250
1)
200
130
4000
4700
141
l
0001.1014.TR
12.5
250
2)
-
110
-
6900
203
l
0001.1015.PT
12.5
250
2)
-
110
-
6900
203
l
0001.1015.TR
16
250
2)
-
120
-
7400
461
l
0001.1016.PT
16
250
2)
-
120
-
7400
461
l
0001.1016.TR
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
1) IEC: H = 1500 A @ 250 VAC, p.f. = 0.7 - 0.8
1) UL: 10 kA @ 125 VAC, p.f. = 0.7 - 0.8 / 1500 A @ 250 VAC, p.f. = 0.7 - 0.8
2) IEC: 1000 A @ 250 VAC
2) UL: 500 A @ 125 VAC, p.f. = 0.7 - 0.8 / 1000 A @ 125 VAC / 500 A @ 250 VAC
Packaging Unit
.xx = .PT Bulk (1000 pcs.)
.xx = .TR Taped 33 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Podobny numer części - 0001.1011.TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
0001.1011 SCHURTER-0001.1011 Datasheet
338Kb / 2P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
More results

Podobny opis - 0001.1011.TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL_V01 Datasheet
296Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
04.01.2022
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V01 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
00341513XX SCHURTER-00341513XX Datasheet
415Kb / 2P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
0034.1506.TR SCHURTER-0034.1506.TR Datasheet
251Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V02 Datasheet
295Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
04.01.2022
SP5X20 SCHURTER-SP5X20 Datasheet
306Kb / 3P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
00011001 SCHURTER-00011001 Datasheet
338Kb / 2P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com