Zakładka z wyszukiwarką danych komponentów |
|
2N4341 Arkusz danych(PDF) 1 Page - Calogic, LLC |
|
2N4341 Arkusz danych(HTML) 1 Page - Calogic, LLC |
|
1 / 1 page N-Channel JFET Low Noise Amplifier 2N4338 – 2N4341 FEATURES •• Exceptionally High Figure of Merit •• Radiation Immunity •• Extremely Low Noise and Capacitance •• High Input Impedance APPLICATIONS •• Low-level Choppers •• Data Switches •• Multiplexers and Low Noise Amplifiers ABSOLUTE MAXIMUM RATINGS (TA = 25 oC unless otherwise noted) Gate-Source or Gate-Drain Voltage . . . . . . . . . . . . . . . . -50V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA Storage Temperature Range . . . . . . . . . . . . . -65 oC to +200oC Operating Temperature Range . . . . . . . . . . . -55 oC to +175oC Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300 oC Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mW Derate above 25 oC . . . . . . . . . . . . . . . . . . . . . . . 2.0mW/oC NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING INFORMATION Part Package Temperature Range 2N4338-41 Hermetic TO-18 -55 oC to +175oC X2N4338-41 Sorted Chips in Carriers -55 oC to +175oC LLC PIN CONFIGURATION S TO-18 G,C D ELECTRICAL CHARACTERISTICS (TA = 25 oC unless otherwise specified) SYMBOL PARAMETER 2N4338 2N4339 2N4340 2N4341 UNITS TEST CONDITIONS MIN MAX MIN MAX MIN MAX MIN MAX IGSS Gate Reverse Current -0.1 -0.1 -0.1 -0.1 nA VGS = -30V, VDS = 0 TA = 150 oC -0.1 -0.1 -0.1 -0.1 µA BVGSS Gate-Source Breakdown Voltage -50 -50 -50 -50 V IG = -1 µA, VDS = 0 VGS(off) Gate-Source Cutoff Voltage -0.3 -1 -0.6 -1.8 -1 -3 -2 -6 VDS = 15V, ID = 0.1 µA ID(off) Drain Cutoff Current 0.05 (-5) 0.05 (-5) 0.05 (-5) 0.07 (-10) nA (V) VDS = 15V, VGS = ( ) IDSS Saturation Drain Current (Note 2) 0.2 0.6 0.5 1.5 1.2 3.6 3 9 mA VDS = 15V, VGS = 0 gfs Common-Source Forward Transconductance (Note 2) 600 1800 800 2400 1300 3000 2000 4000 µS VDS = 15V, VGS = 0 f = 1kHz gos Common-Source Output Conductance 5 15 30 60 rDS(on) Drain-Source ON Resistance 2500 1700 1500 800 ohm VDS = 0, IDS = 0 Ciss Common-Source Input Capacitance 7777 pF VDS = 15V, VGS = 0 (Note 1) f = 1MHz Crss Common-Source Reverse Transfer Capacitance 3333 NF Noise Figure (Note 1) 1111 dB VDS = 15V, VGS = 0 Rgen = 1meg, BW = 200Hz f = 1kHz NOTES: 1. For design reference only, not 100% tested. 2. Pulse test duration 2ms (non-JEDEC Condition). 5010 CALOGIC LLC, 237 WHITNEY PLACE, FREMONT CA 94539 510-656-2900 PHONE, 510-651-1076 FAX DS004 REV A |
Podobny numer części - 2N4341 |
|
Podobny opis - 2N4341 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |