Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3T-1205SZ Arkusz danych(PDF) 3 Page - AIMTEC

Numer części AM3T-1205SZ
Szczegółowy opis  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3T-1205SZ Arkusz danych(HTML) 3 Page - AIMTEC

  AM3T-1205SZ Datasheet HTML 1Page - AIMTEC AM3T-1205SZ Datasheet HTML 2Page - AIMTEC AM3T-1205SZ Datasheet HTML 3Page - AIMTEC AM3T-1205SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM3T-Z
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 4
North America only
Models
Dual output (continue)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Capacitive load,
max (μF)
Efficiency
(%)
AM3T-4815DH35Z
36-72
±15
±100
3500
±22
80
AM3T-4818DH35Z
36-72
±18
±84
3500
±10
78
AM3T-4824DH35Z
36-72
±24
±63
3500
±10
80
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
9-18
18-36
36-72
VDC
Filter
 (Pi) Network
Turn on Transient process time
350
ms
Start up time
500
ms
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
-0.7-24
-0.7-40
-0.7-80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500 and 3500
VDC
Resistance
> 1000
MOhm
Capacitance
470
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance Dual output
±1
%
Short Circuit protection
Continuous
Short circuit restart
Auto-recovery
Line voltage regulation (Single)
LL-HL
±0.5
%
Line voltage regulation (Dual)
LL-HL
±0.5
%
Load voltage regulation (Single)
Load: 10…100%
±0.5
%
Load voltage regulation (Single)
3.3V output model
Load: 10…100%
±1.5
%
Load voltage regulation (Dual)
Load: 10…100%
±0.5
%
Load voltage regulation (Dual)
±3.3V output model
Load: 10…100%
±1.5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
At 20MHz Bandwidth
60
mV p-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
266
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-40 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
90
%
Case material
Nickel-coated copper
Weight
17
g
Dimensions(L x W x H)
Tolerance ±0.5 mm or ±0.02 inches
1.28 x 0.84 x 0.41 inches
32.25 x 21.35 x 10.50mm
MTBF
>1 039 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC)


Podobny numer części - AM3T-1205SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM3T-1205SZ AIMTEC-AM3T-1205SZ Datasheet
308Kb / 4P
   3 Watt | DC-DC Converter
More results

Podobny opis - AM3T-1205SZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com