Zakładka z wyszukiwarką danych komponentów |
|
AM3T-1218SZ Arkusz danych(PDF) 4 Page - AIMTEC |
|
AM3T-1218SZ Arkusz danych(HTML) 4 Page - AIMTEC |
4 / 4 page Series AM3T-Z 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 4 of 4 North America only Pin Out Specifications Dimensions 27.94 (1.10) 2.54 (0.10) Printed Face Built-in Stand-offs to ease PCB cleaning 0.50 (0.02) 31.75 (1.25) Bottom View 2 3 911 14 16 22 23 All dimensions are typical: millimeters (inches) Pin Diameter: 0.50 ± 0.05 (0.02 ± 0.002) Pin Pitch Tolerance: ± 0.35 (±0.014) Case Tolerence: ± 0.5 (±0.02) 1 24 10 12 15 13 NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com. Pin 1500VDC 3500VDC Single Dual Single Dual 1 +V Input +V Input No pin No pin 2 N.C. -V Output -V Input -V Input 3 N.C. Common -V Input -V Input 9 No pin No pin No pin Common 10 -V Output Common No pin No pin 11 +V Output +V Output N.C. -V Output 12/13 -V Input -V Input No pin No pin 14 +V Output +V Output +V Output +V Output 15 -V Output Common No pin No pin 16 No pin No pin -V Output Common 22 N.C. Common +V Input +V Input 23 N.C. -V Output +V Input +V Input 24 +V Input +V Input No pin No pin |
Podobny numer części - AM3T-1218SZ |
|
Podobny opis - AM3T-1218SZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |