Zakładka z wyszukiwarką danych komponentów |
|
AM5TW-4815S-RZ Arkusz danych(PDF) 2 Page - AIMTEC |
|
AM5TW-4815S-RZ Arkusz danych(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM5TW-RZ 5 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.E 2 of 3 North America only Input Specifications (continued) Parameters Nominal Typical Maximum Units Absolute Maximum Rating 24 Vin 48 Vin -0.7-40 -0.7-80 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 VDC Resistance >1000 MOhm Capacitance 500 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance (Dual Output Model) Balanced Load ±1 % Short Circuit protection Continuous Short circuit restart Auto Recovery Line voltage regulation (Single) ±0.5 % Line voltage regulation (Dual) ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0 – 100% load ±1.5 % Load voltage regulation (Dual) 0 – 100% load ±0.5 % Load voltage regulation (Dual) ±3.3V output model 0 – 100% load ±1.5 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 260 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 90 % Case material Nickel coated copper Weight 26 g Dimensions (L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm MTBF >1 050 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) NOTE: All specifications noted in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approval CE Standards EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B IEC61000-4-5, Perf. Criteria B IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A NOTE: also designed to meet IEC 60950-1:2001 |
Podobny numer części - AM5TW-4815S-RZ |
|
Podobny opis - AM5TW-4815S-RZ |