Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14042B Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14042B
Szczegółowy opis  Quad Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14042B Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14042B_14 Datasheet HTML 1Page - ON Semiconductor MC14042B_14 Datasheet HTML 2Page - ON Semiconductor MC14042B_14 Datasheet HTML 3Page - ON Semiconductor MC14042B_14 Datasheet HTML 4Page - ON Semiconductor MC14042B_14 Datasheet HTML 5Page - ON Semiconductor MC14042B_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC14042B
http://onsemi.com
5
Figure 1. AC and Power Dissipation Test Circuit and Timing Diagram
(Data to Output)
VDD
VSS
PULSE
GENERATOR 1
16
5
6
4
7
13
14
CLOCK
POLARITY
D0
D1
D2
D3
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
15
1
12
11
9
10
3
2
8
For Power Dissipation test, each output
is loaded with capacitance CL.
1
f
20 ns
20 ns
DATA INPUT
Q OUTPUT
Q OUTPUT
tPLH
tPHL
tTLH
tTHL
tTLH
tTHL
90%
50%
10%
50%
90%
10%
90%
10%
50%
tPHL
Figure 2. AC Test Circuit and Timing Diagram
(Clock to Output)
NOTE: CL connected to output under test.
20* ns
20 ns
90%
10%
PULSE
GENERATOR 1
PULSE
GENERATOR 2
VDD
16
5
6
4
7
13
14
CLOCK
POLARITY
D0
D1
D2
D3
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
VSS
8
15
1
12
11
9
10
3
2
50%
tWH
20 ns
90%
50%
tsu
th
tPLH
90%
50%
10%
CLOCK INPUT
P.G. 1
DATA INPUT
P.G. 2
Q OUTPUT
*Input clock rise time is 20 ns except for maximum rise time test.


Podobny numer części - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14042BCL MOTOROLA-MC14042BCL Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14042BCP MOTOROLA-MC14042BCP Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
MC14042BCPG ONSEMI-MC14042BCPG Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
More results

Podobny opis - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
MC14042B ONSEMI-MC14042B_05 Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14042B MOTOROLA-MC14042B Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
74ACT843 FAIRCHILD-74ACT843 Datasheet
60Kb / 6P
   9-Bit Transparent Latch
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
   10-Bit Transparent Latch
74F843 FAIRCHILD-74F843 Datasheet
49Kb / 6P
   9-Bit Transparent Latch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com