Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14042B Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14042B
Szczegółowy opis  Quad Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14042B Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14042B_14 Datasheet HTML 1Page - ON Semiconductor MC14042B_14 Datasheet HTML 2Page - ON Semiconductor MC14042B_14 Datasheet HTML 3Page - ON Semiconductor MC14042B_14 Datasheet HTML 4Page - ON Semiconductor MC14042B_14 Datasheet HTML 5Page - ON Semiconductor MC14042B_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC14042B/D
MC14042B
Quad Transparent Latch
The MC14042B Quad Transparent Latch is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. Each latch has a separate data input, but all four
latches share a common clock. The clock polarity (high or low) used to
strobe data through the latches can be reversed using the polarity
input. Information present at the data input is transferred to outputs Q
and Q during the clock level which is determined by the polarity input.
When the polarity input is in the logic “0” state, data is transferred
during the low clock level, and when the polarity input is in the logic
“1” state the transfer occurs during the high clock level.
Features
Buffered Data Inputs
Common Clock
Clock Polarity Control
Q and Q Outputs
Double Diode Input Protection
Supply Voltage Range = 3.0 Vdc to 1 8 Vdc
Capable of Driving Two Low−power TTL Loads or One Low−power
Schottky TTL Load Over the Rated Temperature Range
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
− 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 1)
500
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature
(8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
14042BG
AWLYWW
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G
= Pb−Free Indicator
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
16
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q2
D2
D3
Q3
VDD
Q1
Q1
Q2
D0
Q0
Q0
Q3
VSS
D1
POLARITY
CLOCK


Podobny numer części - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14042BCL MOTOROLA-MC14042BCL Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14042BCP MOTOROLA-MC14042BCP Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
MC14042BCPG ONSEMI-MC14042BCPG Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
More results

Podobny opis - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
MC14042B ONSEMI-MC14042B_05 Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14042B MOTOROLA-MC14042B Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
74ACT843 FAIRCHILD-74ACT843 Datasheet
60Kb / 6P
   9-Bit Transparent Latch
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
   10-Bit Transparent Latch
74F843 FAIRCHILD-74F843 Datasheet
49Kb / 6P
   9-Bit Transparent Latch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com