Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14042B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14042B
Szczegółowy opis  Quad Transparent Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14042B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14042B_14 Datasheet HTML 1Page - ON Semiconductor MC14042B_14 Datasheet HTML 2Page - ON Semiconductor MC14042B_14 Datasheet HTML 3Page - ON Semiconductor MC14042B_14 Datasheet HTML 4Page - ON Semiconductor MC14042B_14 Datasheet HTML 5Page - ON Semiconductor MC14042B_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14042B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time, D to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 135 ns
tPLH, tPHL = (0.66 ns/pF) CL + 57 ns
tPLH, tPHL = (0.5 ns/pF) CL + 35 ns
tPLH,
tPHL
5.0
10
15
220
90
60
440
180
120
no
Propagation Delay Time, Clock to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 135 ns
tPLH, tPHL = (0.66 ns/pF) CL + 57 ns
tPLH, tPHL = (0.5 ns/pF) CL + 35 ns
tPLH,
tPHL
5.0
10
15
220
90
60
440
180
120
ns
Clock Pulse Width
tWH
5.0
10
15
300
100
80
150
50
40
ns
Clock Pulse Rise and Fall Time
tTLH,
tTHL
5.0
10
15
15
5.0
4.0
ms
Hold Time
th
5.0
10
15
100
50
40
50
25
20
ns
Setup Time
tsu
5.0
10
15
50
30
25
0
0
0
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14042BCL MOTOROLA-MC14042BCL Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14042BCP MOTOROLA-MC14042BCP Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
ON Semiconductor
MC14042BCP ONSEMI-MC14042BCP Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
MC14042BCPG ONSEMI-MC14042BCPG Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
More results

Podobny opis - MC14042B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B Datasheet
174Kb / 8P
   Quad Transparent Latch
March, 2000 ??Rev. 3
MC14042B ONSEMI-MC14042B_05 Datasheet
100Kb / 8P
   Quad Transparent Latch
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14042B MOTOROLA-MC14042B Datasheet
202Kb / 6P
   QUAD TRANSPARENT LATCH
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
   Quad bistable transparent latch
December 1990
logo
Texas Instruments
CD54AC373 TI1-CD54AC373 Datasheet
1Mb / 17P
[Old version datasheet]   Octal Transparent Latch
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
74ACT843 FAIRCHILD-74ACT843 Datasheet
60Kb / 6P
   9-Bit Transparent Latch
logo
National Semiconductor ...
74AC843 NSC-74AC843 Datasheet
154Kb / 10P
   9-Bit Transparent Latch
logo
Fairchild Semiconductor
74F841 FAIRCHILD-74F841 Datasheet
47Kb / 6P
   10-Bit Transparent Latch
74F843 FAIRCHILD-74F843 Datasheet
49Kb / 6P
   9-Bit Transparent Latch
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com