Zakładka z wyszukiwarką danych komponentów |
|
MC14027B Arkusz danych(PDF) 2 Page - ON Semiconductor |
|
MC14027B Arkusz danych(HTML) 2 Page - ON Semiconductor |
2 / 6 page MC14027B http://onsemi.com 2 TRUTH TABLE Inputs Outputs* C† J K S R Qn‡ Qn+1 Qn+1 1 X 0 0 0 1 0 X 0 0 0 1 1 0 0 X 0 0 0 0 1 X 1 0 0 1 0 1 1 1 0 0 Qo Qo Qo X X 0 0 X Qn Qn X X X 1 0 X 1 0 X X X 0 1 X 0 1 X X X 1 1 X 1 1 X = Don’t Care ‡ = Present State † = Level Change * = Next State BLOCK DIAGRAM 12 11 13 10 9 4 5 3 6 7 14 15 2 1 S S R R K C J K C JQ Q Q Q VDD = PIN 16 VSS = PIN 8 ORDERING INFORMATION Device Package Shipping† MC14027BDG SOIC−16 (Pb−Free) 48 Units / Rail NLV14027BDG* SOIC−16 (Pb−Free) 48 Units / Rail MC14027BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel NLV14027BDR2G* SOIC−16 (Pb−Free) 2500 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable. No Change |
Podobny numer części - MC14027B_14 |
|
Podobny opis - MC14027B_14 |