Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14027BDR2G Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14027BDR2G
Szczegółowy opis  Dual J-K Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14027BDR2G Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14027BDR2G Datasheet HTML 1Page - ON Semiconductor MC14027BDR2G Datasheet HTML 2Page - ON Semiconductor MC14027BDR2G Datasheet HTML 3Page - ON Semiconductor MC14027BDR2G Datasheet HTML 4Page - ON Semiconductor MC14027BDR2G Datasheet HTML 5Page - ON Semiconductor MC14027BDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC14027B
http://onsemi.com
5
Figure 1. Dynamic Signal Waveforms
(J, K, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
VDD
VSS
VDD
VSS
VDD
VSS
VOH
VOL
90%
50%
10%
20 ns
20 ns
tsu
90%
50%
10%
tsu
th
20 ns
20 ns
90%
50%
10%
tWL
tWH
1
fcl
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q
C
K
J
Inputs R and S low.
For the measurement of tWH, I/fcl, and PD
the Inputs J and K are kept high.
20 ns
20 ns
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
trem
tw
20 ns
20 ns
90%
50%
10%
tw
tPLH
tPHL
50%
Q or Q
CLOCK
SET OR
RESET
LOGIC DIAGRAM
(1/2 of Device Shown)
S
J
K
R
CC
C
C
C
C
C
C
C
C
C
Q
Q


Podobny numer części - MC14027BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14027BDR2G ONSEMI-MC14027BDR2G Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

Podobny opis - MC14027BDR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com