Zakładka z wyszukiwarką danych komponentów |
|
AM5T-4805DH35Z Arkusz danych(PDF) 5 Page - AIMTEC |
|
AM5T-4805DH35Z Arkusz danych(HTML) 5 Page - AIMTEC |
5 / 5 page Series AM5T-Z 5 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.G 5 of 5 North America only Test Circuits Conducted Emissions: Surge: Derating (AM5T-05xxxx Devices only) 0 25 75 50 85 100 80 60 40 20 0 60 º C Safe Operating Area º C 100 -40 60 -25 NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com. |
Podobny numer części - AM5T-4805DH35Z |
|
Podobny opis - AM5T-4805DH35Z |