Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8671 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8671
Szczegółowy opis  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8671 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADS8671 Datasheet HTML 1Page - Texas Instruments ADS8671 Datasheet HTML 2Page - Texas Instruments ADS8671 Datasheet HTML 3Page - Texas Instruments ADS8671 Datasheet HTML 4Page - Texas Instruments ADS8671 Datasheet HTML 5Page - Texas Instruments ADS8671 Datasheet HTML 6Page - Texas Instruments ADS8671 Datasheet HTML 7Page - Texas Instruments ADS8671 Datasheet HTML 8Page - Texas Instruments ADS8671 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
4
ADS8671, ADS8675
SBAS779 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
AVDD = 5 V offers a low impedance of < 30 kΩ.
(3)
AVDD = floating with an impedance > 30 kΩ.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
AIN_P, AIN_GND to GND
AVDD = 5 V(2)
–20
20
V
AVDD = floating(3)
–11
11
AVDD to GND or DVDD to GND
–0.3
7
V
REFCAP to REFGND or REFIO to REFGND
–0.3
5.7
V
GND to REFGND
–0.3
0.3
V
Digital input pins to GND
–0.3
DVDD + 0.3
V
Digital output pins to GND
–0.3
DVDD + 0.3
V
Temperature
Operating, TA
–40
125
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
Analog input pins
(AIN_P, AIN_GND)
±4000
V
All other pins
±2000
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD
Analog supply voltage
4.75
5
5.25
V
DVDD
Digital supply voltage
1.65
3.3
AVDD
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADS8671, ADS8675
UNIT
PW (TSSOP)
RUM (WQFN)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
95.7
31.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
29.3
27.9
°C/W
RθJB
Junction-to-board thermal resistance
41.5
7.4
°C/W
ψJT
Junction-to-top characterization parameter
1.5
0.3
°C/W
ψJB
Junction-to-board characterization parameter
40.8
7.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
1.9
°C/W


Podobny numer części - ADS8671

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBT TI1-ADS8674IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBTR TI1-ADS8674IDBTR Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678 TI1-ADS8678 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678IDBT TI1-ADS8678IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Podobny opis - ADS8671

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com