Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS867x Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS867x
Szczegółowy opis  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS867x Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS867x Datasheet HTML 1Page - Texas Instruments ADS867x Datasheet HTML 2Page - Texas Instruments ADS867x Datasheet HTML 3Page - Texas Instruments ADS867x Datasheet HTML 4Page - Texas Instruments ADS867x Datasheet HTML 5Page - Texas Instruments ADS867x Datasheet HTML 6Page - Texas Instruments ADS867x Datasheet HTML 7Page - Texas Instruments ADS867x Datasheet HTML 8Page - Texas Instruments ADS867x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Oscillator
CONVST/CS
PGA
1 M:
OVP
1 M:
OVP
2
nd-Order
LPF
ADC
Driver
VBIAS
AIN_P
AIN_GND
4.096-V
Reference
REFGND
DGND
AGND
DVDD
AVDD
Digital Logic
and Interface
REFIO
REFCAP
SCLK
SDI
SDO
14-Bit
SAR ADC
ADS867x
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADS8671, ADS8675
SBAS779 – DECEMBER 2016
ADS867x 14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System
with Programmable, Bipolar Input Ranges
1
1 Features
1
14-Bit ADC with Integrated Analog Front-End
High Speed:
ADS8671: 1 MSPS
ADS8675: 500 kSPS
Software Programmable Input Ranges:
Bipolar Ranges: ±12.288 V, ±10.24 V,
±6.144 V, ±5.12 V, and ±2.56 V
Unipolar Ranges: 0 V–12.288 V, 0 V–10.24 V,
0 V–6.144 V, and 0 V–5.12 V
5-V Analog Supply: 1.65-V to 5-V I/O Supply
Constant Resistive Input Impedance
≥ 1 MΩ
Input Overvoltage Protection: Up to ±20 V
On-Chip, 4.096-V Reference with Low Drift
Excellent Performance:
DNL: ±0.25 LSB; INL: ±0.4 LSB
SNR: 84.5 dB; THD: –105 dB
ALARM
→ High, Low Thresholds per Channel
multiSPI™ Interface with Daisy-Chain
Extended Industrial Temperature Range:
–40°C to +125°C
2 Applications
Channel-Isolated PLC Analog Input Modules
Test and Measurement
Battery Pack Monitoring
3 Description
The ADS8671 and ADS8675 devices belong to a
family of integrated data acquisition system based on
a successive approximation (SAR) analog-to-digital
converter (ADC). The devices feature a high-speed,
high-precision SAR ADC, integrated analog front-end
(AFE) input driver circuit, overvoltage protection
circuit up to ±20 V, and an on-chip 4.096-V reference
with extremely low temperature drift.
The devices operate on a single 5-V analog supply,
but support true bipolar input ranges of ±12.288 V,
±6.144 V, ±10.24 V, ±5.12 V, and ±2.56 V, as well as
unipolar input ranges of 0 V to 12.288 V, 0 V to
10.24 V, 0 V to 6.144 V, and 0 V to 5.12 V. The gain
and offset errors are accurately trimmed within the
specified values for each input range to ensure high
dc precision. The input range selection is done by
software programming of the device internal registers.
The devices offer a high resistive input impedance
(
≥ 1 MΩ) irrespective of the selected input range.
The multiSPI digital interface is backward-compatible
to
the
traditional
SPI
protocol.
Additionally,
configurable features simplify interface to a wide
range of host controllers.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS867x
TSSOP (16)
5.00 mm × 4.40 mm
WQFN (16)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Podobny numer części - ADS867x

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBT TI1-ADS8674IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBTR TI1-ADS8674IDBTR Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678 TI1-ADS8678 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678IDBT TI1-ADS8678IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Podobny opis - ADS867x

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com