Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8691 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS8691
Szczegółowy opis  18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8691 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS8691 Datasheet HTML 6Page - Texas Instruments ADS8691 Datasheet HTML 7Page - Texas Instruments ADS8691 Datasheet HTML 8Page - Texas Instruments ADS8691 Datasheet HTML 9Page - Texas Instruments ADS8691 Datasheet HTML 10Page - Texas Instruments ADS8691 Datasheet HTML 11Page - Texas Instruments ADS8691 Datasheet HTML 12Page - Texas Instruments ADS8691 Datasheet HTML 13Page - Texas Instruments ADS8691 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10
ADS8691, ADS8695, ADS8699
SBAS777 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8691 ADS8695 ADS8699
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Timing Requirements: Source-Synchronous Serial Interface (External Clock)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fCLK
Serial clock frequency
66.67
MHz
tCLK
Serial clock time period
1/fCLK
tPH_CK
SCLK high time
0.45
0.55
tCLK
tPL_CK
SCLK low time
0.45
0.55
tCLK
TIMING SPECIFICATIONS
tDEN_CSDO
Delay time: CONVST/CS falling edge to data enable
9.5
ns
tDZ_CSDO
Delay time: CONVST/CS rising to SDO-x going to 3-state
10
ns
tD_CKRVS_r
Delay time: SCLK rising edge to RVS rising
14
ns
tD_CKRVS_f
Delay time: SCLK falling edge to RVS falling
14
ns
tD_RVSDO
Delay time: RVS rising to (next) data valid on SDO-x
2.5
ns
tD_CSRVS
Delay time: CONVST/CS rising edge to RVS displaying internal device state
15
ns
6.10 Timing Requirements: Source-Synchronous Serial Interface (Internal Clock)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING SPECIFICATIONS
tDEN_CSDO
Delay time: CONVST/CS falling edge to data enable
9.5
ns
tDZ_CSDO
Delay time: CONVST/CS rising to SDO-x going to 3-state
10
ns
tDEN_CSRVS
Delay time: CONVST/CS falling edge to first rising edge on RVS
50
ns
tD_RVSDO
Delay time: RVS rising to (next) data valid on SDO-x
2.5
ns
tINTCLK
Time period: internal clock
15
ns
tCYC_RVS
Time period: RVS signal
15
ns
tWH_RVS
RVS high time
0.4
0.6
tINTCLK
tWL_RVS
RVS low time
0.4
0.6
tINTCLK
tD_CSRVS
Delay time: CONVST/CS rising edge to RVS displaying internal
device state
15
ns


Podobny numer części - ADS8691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8694IDBT TI1-ADS8694IDBT Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694IDBTR TI1-ADS8694IDBTR Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8698 TI1-ADS8698 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Podobny opis - ADS8691

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com