Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7833N Arkusz danych(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7833N
Szczegółowy opis  10-Channel, 12-Bit DATA ACQUISITION SYSTEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7833N Arkusz danych(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7833N Datasheet HTML 4Page - Burr-Brown (TI) ADS7833N Datasheet HTML 5Page - Burr-Brown (TI) ADS7833N Datasheet HTML 6Page - Burr-Brown (TI) ADS7833N Datasheet HTML 7Page - Burr-Brown (TI) ADS7833N Datasheet HTML 8Page - Burr-Brown (TI) ADS7833N Datasheet HTML 9Page - Burr-Brown (TI) ADS7833N Datasheet HTML 10Page - Burr-Brown (TI) ADS7833N Datasheet HTML 11Page - Burr-Brown (TI) ADS7833N Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
®
ADS7833
9
PGA GAIN
The PGA gain is determined by the Gain Select portion (bits
8 and 9) in the SERIN word (see Figure 2). There is one gain
input that sets the same gain for all three PGAs. The gain
values and allowable full scale inputs are shown in Table II.
For channels one and two the PGAs set the gain for all three
analog inputs. For the third channel, only the V
3-1 input is
gain changed by the PGA. Inputs V3-2, V3-3 and V3-4 are
connected to ADC
3 at a fixed gain of 1V/V regardless of the
Gain Select value.
Input Select = 3H—Convert V1-3 via SH2, V2-3 via SH4,
and V
3-3 (V1-3 and V2-3 are from the value sampled in a
preceding conversion cycle with Input Select = 4H, 5H or
6
H).
Input Select = 2H—Convert V1-3 via SH1, V2-3 via SH3,
and V3-3 (V1-3 is sampled on SH2 in this conversion cycle).
Input Select = 1H—Input V3-4 is converted by PGA3/
ADC3. The output of the asynchronous sample holds, SH6
and SH
7, are converted by PGA1/ADC1 and PGA2/ADC2,
respectively. Note that the inputs to SH6 and SH7 are
determined by previous Input Select values (see Table IV).
Thus, to properly convert the output of one of the asynchro-
nous sample holds it is first necessary to choose its input
with a previous conversion cycle. Also, the output of SH6 or
SH
7 will only be converted if ASH goes low before the
CONV command is received.
Input Select = 0H—V3-4 is converted by PGA3/ADC3. The
inputs to PGA1/ADC1 and PGA2/ADC2 are undefined.
CONVERSIONS FROM THE
ASYNCHRONOUS SAMPLE HOLDS
Decoding the Input Select value also determines which
inputs are applied to the two asynchronously controlled
sample holds SH6 and SH7. (See Table IV.) One of the three
possible inputs is selected by the Input Select value being 4,
5, or 6.
The “No Effect” states indicate that these values of Input
Select have no effect on the multiplexers at the input of SH6
and SH7. When one of the “No Effect” values of Input Select
is presented, the multiplexers will not be changed (i.e., their
condition is determined by the last 4, 5, or 6 value of Input
Select that existed prior to the “No Effect” state).
Note that Input Select = 1
H presents the output of SH6 and
SH7 (1ASHX and 2ASHX) to PGA1/ADCl and PGA2/ADC2,
respectively (see Table III). Therefore, in order to properly
convert the asynchronous sampled signals, it is first neces-
sary to choose an input signal (Input Select equal 5 or 6 in
Table IV) with one load/convert cycle and then convert the
sample hold output (Input Select = 4 in Table III) in a
following conversion cycle.
GAIN
GAIN
FULL SCALE
SELECT0-1
SETTING
INPUT
0H
5.0V/V
±0.5V
1H
2.5V/V
±1.0V
2H
1.25V/V
±2.0V
3H
1.0V/V
±2.5V
TABLE II. Gain Select Information.
INPUT MULTIPLEXER AND
SAMPLE HOLD SELECTION
The Input Select portion of the SERIN word (bits 10, 11 and
12) (see Figure 2) are decoded and determine the
open/closed condition of the multiplexer switches. This in
turn determines which input signals are connected to the
sample holds and which sample holds are connected to the
PGAs/ADCs.
INPUT SIGNALS FOR PGAs/ADCs
Table III shows the relationships between the value of Input
Select0-2 and the signals that are converted.
INPUT SELECT0-2
ANALOG SIGNAL CONNECTED TO
PGAX/ADCX
PGA1/ADC1
PGA2/ADC2
PGA3/ADC2
0H
000
Undefined
Undefined
V3-4
1H
001
V1-X via SH6(1)
V2-X via SH7(1)
V3-4
2H
010
V1-3 via SH1
V2-3 via SH3
V3-3
3H
011
V1-3 via SH2
V2-3 via SH4
V3-3
4H
100
V1-2
V2-2
V3-2
5H
101
V1-2
V2-2
V3-2
6H
110
V1-2
V2-2
V3-2
7H
111
V1-1
V2-1
V3-1
NOTE: (1) See Table IV for Operation.
HEX
BINARY
CODE
CODE
TABLE III. Input Controls for Synchronous Sample Holds.
Input Select = 7H—Synchronously sample and convert
input signals V1-1, V2-1, and V3-1.
Input Select = 4H, 5H, 6H—Synchronously sample and
convert input signals V
1-2, V2-2, and V3-2. These codes also
cause SH2 and SH4 to sample their inputs. Values 4H, 5H, 6H
have different effects on the inputs to SH
6 and SH7 (see
Table IV).
INPUT SELECT0-2
ANALOG SIGNAL CONNECTED TO
SH6
SH7
0H
000
No Effect
No Effect
1H
001
No Effect
No Effect
2H
010
No Effect
No Effect
3H
011
No Effect
No Effect
4H
100
Open
Open
5H
101
V1-3
V2-3
6H
110
V1-2
V1-2
7H
111
No Effect
No Effect
HEX
BINARY
CODE
CODE
TABLE IV. Input Controls for Asynchronous Sample Holds.


Podobny numer części - ADS7833N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7833N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
logo
Texas Instruments
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
Sipex Corporation
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD363 AD-AD363 Datasheet
682Kb / 8P
   Complete 16-Channel,12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com