Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD18512Q5BT Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CSD18512Q5BT
Szczegółowy opis  CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18512Q5BT Arkusz danych(HTML) 5 Page - Texas Instruments

  CSD18512Q5BT Datasheet HTML 1Page - Texas Instruments CSD18512Q5BT Datasheet HTML 2Page - Texas Instruments CSD18512Q5BT Datasheet HTML 3Page - Texas Instruments CSD18512Q5BT Datasheet HTML 4Page - Texas Instruments CSD18512Q5BT Datasheet HTML 5Page - Texas Instruments CSD18512Q5BT Datasheet HTML 6Page - Texas Instruments CSD18512Q5BT Datasheet HTML 7Page - Texas Instruments CSD18512Q5BT Datasheet HTML 8Page - Texas Instruments CSD18512Q5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D006
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
D007
TC = 25°C, I D = 30 A
TC = 125°C, I D = 30 A
Qg - Gate Charge (nC)
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
9
10
D004
VDS - Drain-to-Source Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
20
40
60
80
100
120
140
160
180
200
D002
VGS = 4.5 V
VGS = 6 V
VGS = 10 V
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
20
40
60
80
100
120
140
160
180
200
D003
D002
TC = 125°C
TC = 25°C
TC = -55°C
5
CSD18512Q5B
www.ti.com
SLPS624 – DECEMBER 2016
Product Folder Links: CSD18512Q5B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Figure 2. Saturation Characteristics
VDS = 5 V
Figure 3. Transfer Characteristics
ID = 30 A, VDS = 20 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage


Podobny numer części - CSD18512Q5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KTT ISC-CSD18510KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTTT TI1-CSD18510KTTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
More results

Podobny opis - CSD18512Q5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com