Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL50JH Arkusz danych(PDF) 16 Page - Analog Devices

Numer części ADXL50JH
Szczegółowy opis  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL50JH Arkusz danych(HTML) 16 Page - Analog Devices

Back Button ADXL50JH Datasheet HTML 8Page - Analog Devices ADXL50JH Datasheet HTML 9Page - Analog Devices ADXL50JH Datasheet HTML 10Page - Analog Devices ADXL50JH Datasheet HTML 11Page - Analog Devices ADXL50JH Datasheet HTML 12Page - Analog Devices ADXL50JH Datasheet HTML 13Page - Analog Devices ADXL50JH Datasheet HTML 14Page - Analog Devices ADXL50JH Datasheet HTML 15Page - Analog Devices ADXL50JH Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADXL50
–16–
REV. B
+15
–45
+105
–30
–40
–35
–35
–55
–15
–25
–20
–10
–5
0
+10
+5
+85
+65
+45
+25
+5
–15
HIGH TEMP TRIM
LOW TEMP TRIM
COMPENSATED XL50
UNCOMPENSATED XL50
TEMPERATURE –
°C
Figure 30. ADXL50 0 g Drift With and Without the Com-
pensation Circuit of Figure 29
ADXL50 Application Literature Available
Contact the Analog Devices Literature Center for a copy of
publication number G2112, the Accelerometer Application
Guide. This includes all current application notes and data
sheets for Analog Devices’ accelerometers.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.160 (4.06)
0.110 (2.79)
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.115
(2.92)
BSC
6
8
5
7
1
4
2
3
9
10
0.230 (5.84)
BSC
REFERENCE PLANE
SEATING PLANE
0.335 (8.51)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.750 (19.05)
0.500 (12.70)
0.045 (1.14)
0.010 (0.25)
0.040 (1.02) MAX
0.185 (4.70)
0.165 (4.19)
Compensating for the 0 g Drift of the ADXL50 Accelerometer
The circuit of Figure 29 provides a linear temperature compen-
sation for the ADXL50. Figure 30 shows the 0 g drift over tem-
perature for a typical ADXL50 with and without this circuit. As
shown by Figure 30, the linear portion of the drift curve has
been subtracted out. In effect, the curve has been rotated coun-
terclockwise until it is horizontal, leaving just the bow of the
curve: that portion which is not linear. As shown by Figure 30,
over a +25
°C to +70°C range, a 10× reduction in drift is achieved.
The circuit of Figure 29 is essentially a temperature sensor
coupled to a Whetstone bridge. The AD590 provides a 1
µA/°K
current output whose voltage scale factor is set by resistor RA.
The bridge circuit subtracts out the nominal 298 mV output of
the AD590 at +25
°C and leaves only the change in temperature,
which is what is needed. Without the bridge, the 298 mV room
temperature “offset” would “swamp” the much smaller change
in output with temperature.
Resistors R5 and R6 form a resistor divider (one half of the
bridge) which divides down the +3.4 V reference output of the
ADXL50 to 0.3 V which appears at the noninverting input of
the AD820 op amp. Resistors R7 and R8 form the other half of
the bridge, and because they have the same ratio as R5 and R6,
the op amp will have a +3.4 V output at room temperature.
BUFFER
AMP
ADXL50
PRE-AMP
0.022
µF
C1
C1
0.022
µF
C2
COM
0.1
µF
C3
+5V
V
OUT
V
IN–
V
PR
+3.4V
REF
R1
R3
1.8V
310k
R7
+5V
7
2
3
6
4
0.01
µF
AD820
10
8
5
3
2
4
9
1
6
499k
TEMPERATURE
COMPENSATED
ACCELERATION
OUTPUT
49.9k
3101k
R5
RB
TC
COMP
SET
10k
R4
500
BRIDGE
BALANCE
RA
1k
AD590
+5V
1
µA/°K
TEMPCO
AMPLIFIER
R9
20k
RC
20k
49.9k
R2
R10
25k
0g OUTPUT
LEVEL
CALIBRATION PROCEEDURE:
AT T
MIN OR LOWER TEMP CAL POINT...
1. SET RB ALL THE WAY TO ONE SIDE.
2. ADJUST RA FOR +3.4V AT TEST POINT "A."
3. SET RC FOR +2.5V V
OUT (AT PIN 9 OF ADXL50).
4. TEMPORARILY CONNECT A 1.5k
Ω RESISTOR BETWEEN
THE CENTER OF RB AND GROUND.
5. ADJUST RB FOR +2.5V AT V
OUT .
6. REMOVE THE 1.5k
Ω RESISTOR. V
OUT SHOULD NOT CHANGE.
7. GO TO T
MAX OR HIGH TEMP CAL POINT.
8. READJUST RB FOR +2.5V.
9. CALIBRATION COMPLETE.
TEST
POINT
"A"
30k
R8
30k
R6
Figure 29. ADXL50 0 g Drift Compensation Circuit


Podobny numer części - ADXL50JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Podobny opis - ADXL50JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com