Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL50JH Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADXL50JH
Szczegółowy opis  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL50JH Arkusz danych(HTML) 2 Page - Analog Devices

  ADXL50JH Datasheet HTML 1Page - Analog Devices ADXL50JH Datasheet HTML 2Page - Analog Devices ADXL50JH Datasheet HTML 3Page - Analog Devices ADXL50JH Datasheet HTML 4Page - Analog Devices ADXL50JH Datasheet HTML 5Page - Analog Devices ADXL50JH Datasheet HTML 6Page - Analog Devices ADXL50JH Datasheet HTML 7Page - Analog Devices ADXL50JH Datasheet HTML 8Page - Analog Devices ADXL50JH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADXL50–SPECIFICATIONS
ADXL50J/A
Parameter
Conditions
Min
Typ
Max
Units
SENSOR INPUT
Measurement Range
Guaranteed Full Scale
–50
+50
g
Nonlinearity
Best Fit Straight Line, 50 g FS
0.2
% of FS
Alignment Error
1
±1
Degrees
Transverse Sensitivity2
±2%
SENSITIVITY
Initial Sensitivity at VPR
+25
°C
16.1
19.0
21.9
mV/g
Temperature Drift
3
0.75/1.0
% of Reading
ZERO g BIAS LEVEL
at VPR
Initial Offset
1.55/1.60
1.80
2.05/2.00
V
vs. Temperature3
±15/35
mV
vs. Supply
VS = 4.75 V to 5.25 V
10
32
mV/V
NOISE PERFORMANCE
at VPR
Voltage Noise Density
BW = 10 Hz to 1 kHz
6.6
12
mg/
√Hz
Noise in 100 Hz Bandwidth
66
mg rms
Noise in 10 Hz Bandwidth
20
mg rms
FREQUENCY RESPONSE
3 dB Bandwidth
4
C1 = 0.022
µF (See Figure 22)
800
1300
Hz
3 dB Bandwidth
4
C1 = 0.0068
µF
10
kHz
Sensor Resonant Frequency
24
kHz
SELF TEST INPUT
Output Change at VPR
5
ST Pin from Logic “0” to “1”
–0.85
–1.00
–1.15
V
Logic “1” Voltage
2.0
V
Logic “0” Voltage
0.8
V
Input Resistance
To Common
50
k
+3.4 V REFERENCE
Output Voltage
3.350
3.400
3.450
V
Output Temperature Drift
3
±10
mV
Power Supply Rejection
DC, VS = +4.75 V to +5.25 V
1
10
mV/V
Output Current
Sourcing
500
µA
PREAMPLIFIER OUTPUT
Voltage Swing
0.25
VS – 1.4
V
Current Output
Source or Sink
30
80
µA
Capacitive Load Drive
100
pF
BUFFER AMPLIFIER
Input Offset Voltage
6
Delta from Nominal 1.800 V
±10
±25
mV
Input Bias Current
520
nA
Open-Loop Gain
DC
80
dB
Unity Gain Bandwidth
200
kHz
Output Voltage Swing
IOUT = ± 100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
Power Supply Rejection
DC, VS = +4.75 V to +5.25 V
1
10
mV/V
POWER SUPPLY
Operating Voltage Range
4.75
5.25
V
Quiescent Supply Current
10
13
mA
TEMPERATURE RANGE
Operating Range J
0
+70
°C
Specified Performance A
–40
+85
°C
Automotive Grade*
–40
+125
°C
NOTES
1Alignment error is specified as the angle between the true and indicated axis of sensitivity, (see Figure 2).
2Transverse sensitivity is measured with an applied acceleration that is 90
° from the indicated axis of sensitivity. Transverse sensitivity is specified as the percent of
transverse acceleration that appears at the VPR output. This is the algebraic sum of the alignment and the inherent sensor sensitivity errors, (see Figure 2).
3Specification refers to the maximum change in parameter from its initial at +25
°C to its worst case value at T
MIN to TMAX.
4Frequency at which response is 3 dB down from dc response assuming an exact C1 value is used. Maximum recommended BW is 10 kHz using a 0.007
µF capacitor, refer to
Figure 22.
5Applying logic high to the self-test input has the effect of applying an acceleration of –52.6 g to the ADXL50.
6Input offset voltage is defined as the output voltage differential from 1.800 V when the amplifier is connected as a follower (i.e., Pins 9 and 10 tied together). The voltage at
Pin 9 has a temperature drift proportional to that of the 3.4 V reference.
*Contact factory for availability of automotive grade devices.
All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
Specifications subject to change without notice.
(TA = TMIN to TMAX, TA = +25 C for J Grade Only, VS = +5 V, @ Acceleration = 0 g,
unless otherwise noted)
REV. B
–2–


Podobny numer części - ADXL50JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Podobny opis - ADXL50JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com