Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS300 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADXRS300
Szczegółowy opis  짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS300 Arkusz danych(HTML) 5 Page - Analog Devices

  ADXRS300 Datasheet HTML 1Page - Analog Devices ADXRS300 Datasheet HTML 2Page - Analog Devices ADXRS300 Datasheet HTML 3Page - Analog Devices ADXRS300 Datasheet HTML 4Page - Analog Devices ADXRS300 Datasheet HTML 5Page - Analog Devices ADXRS300 Datasheet HTML 6Page - Analog Devices ADXRS300 Datasheet HTML 7Page - Analog Devices ADXRS300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADXRS300
Rev. A | Page 5 of 8
THEORY OF OPERATION
The ADXRS300 operates on the principle of a resonator gyro.
Two polysilicon sensing structures each contain a dither frame,
which is electrostatically driven to resonance. This produces the
necessary velocity element to produce a Coriolis force during
angular rate. At two of the outer extremes of each frame,
orthogonal to the dither motion, are movable fingers that are
placed between fixed pickoff fingers to form a capacitive pickoff
structure that senses Coriolis motion. The resulting signal is fed
to a series of gain and demodulation stages that produce the
electrical rate signal output. The dual-sensor design rejects
external g-forces and vibration. Fabricating the sensor with the
signal conditioning electronics preserves signal integrity in
noisy environments.
The electrostatic resonator requires 14 V to 16 V for operation.
Since only 5 V is typically available in most applications, a
charge pump is included on-chip. If an external 14 V to 16 V
supply is available, the two capacitors on CP1–CP4 can be omit-
ted and this supply can be connected to CP5 (Pin 7D) with a
100 nF decoupling capacitor in place of the 47 nF.
After the demodulation stage there is a single-pole low-pass
filter consisting of an internal 7 kΩ resistor (RSEN1) and an
external user-supplied capacitor (CMID). A CMID capacitor of
100 nF sets a 400 Hz ±35% low-pass pole and is used to limit
high frequency artifacts before final amplification. Bandwidth
limit capacitor, COUT, sets the pass bandwidth (see Figure 4 and
the Setting Bandwidth section).
AGND
TEMP
ST2
ST1
CP1
CP2
RATEOUT
CP4
PDD
CMID
SUMJ
2.5V
6A
5A
4A
3A
2A
1B
1C
1D
1E
1F
7B
7C
7D
7E
7F
6G
5G
4G
3G
2G
CP5
CP3
100nF
COUT = 22nF
22nF
AVCC
100nF
100nF
PGND
22nF
47nF
5V
NOTE THAT INNER ROWS/COLUMNS OF PINS HAVE BEEN OMITTED
FOR CLARITY BUT SHOULD BE CONNECTED IN THE APPLICATION.
Figure 3. Example Application Circuit (Top View)
Supply and Common Considerations
Only power supplies used for supplying analog circuits are rec-
ommended for powering the ADXRS300. High frequency noise
and transients associated with digital circuit supplies may have
adverse effects on device operation.
Figure 3 shows the recommended connections for the
ADXRS300 where both AVCC and PDD have a separate
decoupling capacitor. These should be placed as close to the
their respective pins as possible before routing to the system
analog supply. This will minimize the noise injected by the
charge pump that uses the PDD supply.
It is also recommended to place the charge pump capacitors
connected to the CP1–CP4 pins as close to the part as possible.
These capacitors are used to produce the on-chip high voltage
supply switched at the dither frequency at approximately
14 kHz. Care should be taken to ensure that there is no more
than 50 pF of stray capacitance between CP1–CP4 and ground.
Surface-mount chip capacitors are suitable as long as they are
rated for over 15 V.
5V
+
-
SELF
TEST
AVCC
ST1
ST2
3A
5G
4G
ADXRS300
CP2
CP1
PDD
4A 5A
7E 6G
CHARGE
PUMP/REG.
12V
PTAT
7F
6A 7B 7C
7D
47nF
CP4 CP3 CP5
RATE
SENSOR
2G 1F
1D
CORIOLIS
SIGNAL CHANNEL
AGND
CMID
1C
SUMJ
RATE-
OUT
2.5V
1B
2A
1E
3G TEMP
ROUT
180k
Ω 1%
RESONATOR LOOP
DEMOD
π
2.5V REF
≈7kΩ±35%
100nF
22nF
100nF
100nF
COUT
RSEN1 RSEN2
22nF
PGND
Figure 4. Block Diagram with External Components
Setting Bandwidth
External capacitors CMID and COUT are used in combination
with on-chip resistors to create two low-pass filters to limit the
bandwidth of the ADXRS300’s rate response. The –3 dB fre-
quency set by ROUT and COUT is
(
)
OUT
OUT
OUT
C
R
π
/
f
×
×
×
=
2
1
and can be well controlled since ROUT has been trimmed during
manufacturing to be 180 kΩ ±1%. Any external resistor applied


Podobny numer części - ADXRS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Podobny opis - ADXRS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com