Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS300 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADXRS300
Szczegółowy opis  짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS300 Arkusz danych(HTML) 6 Page - Analog Devices

  ADXRS300 Datasheet HTML 1Page - Analog Devices ADXRS300 Datasheet HTML 2Page - Analog Devices ADXRS300 Datasheet HTML 3Page - Analog Devices ADXRS300 Datasheet HTML 4Page - Analog Devices ADXRS300 Datasheet HTML 5Page - Analog Devices ADXRS300 Datasheet HTML 6Page - Analog Devices ADXRS300 Datasheet HTML 7Page - Analog Devices ADXRS300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADXRS300
between the RATEOUT (1B, 2A) and SUMJ (1C, 2C) pins will
result in
(
) (
)
EXT
EXT
OUT
R
k
/
R
k
R
×
×
=
Ω
180
Ω
180
The –3 dB frequency is set by RSEN (the parallel combination
of RSEN1 and RSEN2) at about 3.5 kΩ nominal; CMID is less well
controlled since RSEN1 and RSEN2 have been used to trim the rate
sensitivity during manufacturing and have a ±35% tolerance. Its
primary purpose is to limit the high frequency demodulation
artifacts from saturating the final amplifier stage. Thus, this pole
of nominally 400 Hz @ 0.1 µF need not be precise. Lower fre-
quency is preferable, but its variability usually requires it to be
about 10 times greater (in order to preserve phase integrity)
than the well-controlled output pole. In general, both –3 dB
filter frequencies should be set as low as possible to reduce the
amplitude of these high frequency artifacts and to reduce the
overall system noise.
Increasing Measurement Range
The full-scale measurement range of the ADXRS300 can be
increased by placing an external resistor between the RATE-
OUT (1B, 2A) and SUMJ (1C, 2C) pins, which would parallel
the internal ROUT resistor that is factory-trimmed to 180 kΩ. For
example, a 330 kΩ external resistor will give ~50% increase in
the full-scale range. This is effective for up to a 4× increase in
the full-scale range (minimum value of the parallel resistor
allowed is 45 kΩ). Beyond this amount of external sensitivity
reduction, the internal circuitry headroom requirements
prevent further increase in the linear full-scale output range.
The drawbacks of modifying the full-scale range are the addi-
tional output null drift (as much as 2°/sec over temperature)
and the readjustment of the initial null bias (see the Null Adjust
section).
Using the ADXRS300 with a Supply-
Ratiometric ADC
The ADXRS300’s RATEOUT signal is nonratiometric, i.e., nei-
ther the null voltage nor the rate sensitivity is proportional to
the supply. Rather they are nominally constant for dc supply
changes within the 4.75 V to 5.25 V operating range. If the
ADXRS300 is used with a supply-ratiometric ADC, the
ADXRS300’s 2.5 V output can be converted and used to make
corrections in software for the supply variations.
Null Adjust
Null adjustment is possible by injecting a suitable current to
SUMJ (1C, 2C). Adding a suitable resistor to either ground or to
the positive supply is a simple way of achieving this. The nomi-
nal 2.5 V null is for a symmetrical swing range at RATEOUT
(1B, 2A). However, a nonsymmetric output swing may be suit-
able in some applications. Note that if a resistor is connected to
the positive supply, then supply disturbances may reflect some
null instabilities. Digital supply noise should be avoided
particularly in this case (see the Supply and Common
Considerations section).
The resistor value to use is approximately
)
V
)/(V
(
R
NULL
NULL
NULL
1
0
000
,
180
5
.
2 ×
=
VNULL0 is the unadjusted zero rate output, and VNULL1 is the target
null value. If the initial value is below the desired value, the
resistor should terminate on common or ground. If it is above
the desired value, the resistor should terminate on the 5 V sup-
ply. Values are typically in the 1 MΩ to 5 MΩ range.
If an external resistor is used across RATEOUT and SUMJ, then
the parallel equivalent value is substituted into the above equa-
tion. Note that the resistor value is an estimate since it assumes
VCC = 5.0 V and VSUMJ = 2.5 V.
Self-Test Function
The ADXRS300 includes a self-test feature that actuates each of
the sensing structures and associated electronics in the same
manner as if subjected to angular rate. It is activated by standard
logic high levels applied to inputs ST1 (5F, 5G), ST2 (4F, 4G), or
both. ST1 will cause a voltage at RATEOUT equivalent to typi-
cally –270 mV and ST2 will cause an opposite +270 mV change.
The self-test response follows the viscosity temperature depend-
ence of the package atmosphere, approximately 0.25%/°C.
Activating both ST1 and ST2 simultaneously is not damaging.
Since ST1 and ST2 are not necessarily closely matched, actuat-
ing both simultaneously may result in an apparent null bias
shift.
Continuous Self-Test
The one-chip integration of the ADXRS300 gives it higher reli-
ability than is obtainable with any other high volume manufac-
turing method. Also, it is manufactured under a mature BIMOS
process that has field-proven reliability. As an additional failure
detection measure, power-on self-test can be performed. How-
ever, some applications may warrant continuous self-test while
sensing rate. Application notes outlining continuous self-test
techniques are also available on the Analog Devices website.
Rev. A | Page 6 of 8


Podobny numer części - ADXRS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Podobny opis - ADXRS300

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
ADXRS150 AD-ADXRS150 Datasheet
697Kb / 12P
   짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com