Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL50AH Datasheet(Arkusz danych) 7 Page - Analog Devices

Numer części ADXL50AH
Szczegółowy opis  Monolithic Accelerometer With Signal Conditioning
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 7 page
background image
ADXL50
REV. B
–7–
0.5
140
–0.5
–1.5
–40
–1.0
–60
0.0
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 13. Percent Change in Sensitivity at VPR vs.
Temperature
80
20
1
100k
60
40
10
10k
1k
100
FREQUENCY – Hz
T
A = +25°C
V
S = +5V + (0.5Vp-p)
Figure 14. +3.4 V REF PSRR vs. Frequency
3.404
140
3.396
3.388
–40
3.392
–60
3.400
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
3.384
–1000
–0.992
–0.996
–1004
–0.988
V
REF
SELF–TEST
Figure 15. VREF Output and Change in Self-Test Output
Swing vs. Temperature
+0.50
–0.50
4.8
5.3
+0.25
–0.25
4.9
0
5.1
5.2
5.0
SUPPLY VOLTAGE – V
T
A = +25°C
C1 = C2 = 0.022
µF
Figure 10. Change in Sensitivity vs. Supply Voltage
55
25
1
100k
45
35
10
10k
1k
100
FREQUENCY – Hz
T
A = +25°C
V
S = +5V + (0.5Vp-p)
C1 = C2 = 0.022
µF
Figure 11. VPR 0 g PSRR vs. Frequency
40
140
20
0
–40
10
–60
30
120
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 12. 0 g Bias Level vs. Temperature




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD13465Dual Channel 14-Bit 65 MSPS A/D Converter with Analog Input Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD22100Voltage Output Temperature Sensor with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD10465Dual Channel 14-Bit 65 MSPS A/D Converter with Analog Input Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD221033.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD7711LC2MOS Signal Conditioning ADC with RTD Excitation Currents 1 2 3 4 5 MoreAnalog Devices
AD7711ALC2MOS Signal Conditioning ADC with RTD Current Source 1 2 3 4 5 MoreAnalog Devices
AD10200Dual Channel 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
AD10242Dual 12-Bit 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning 1 2 3 4 5 MoreAnalog Devices

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl