Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXRS300ABG-REEL Datasheet(Arkusz danych) 3 Page - Analog Devices

Numer części ADXRS300ABG-REEL
Szczegółowy opis  ±300°/s Single Chip Yaw Rate Gyro with Signal Conditioning
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 3 page
background image
ADXRS300
ADXRS300—SPECIFICATIONS
Table 1. @TA = 25°C, VS = 5 V, Angular Rate = 0°/s, Bandwidth = 80 Hz (COUT = 0.01 µF), unless otherwise noted.
ADXRS300ABG
Parameter
Conditions
Min1
Typ
Max1
Unit
SENSITIVITY
Clockwise Rotation Is Positive Output
Dynamic Range2
Full-Scale Range over Specifications Range
±300
°/s
Initial
@25°C
4.6
5
5.4
mV/°/s
Over Temperature3
VS = 4.75 V to 5.25 V
4.6
5
5.4
mV/°/s
Nonlinearity
Best Fit Straight Line
0.1
% of FS
NULL
Initial Null
2.3
2.50
2.7
V
Over Temperature3
VS = 4.75 V to 5.25 V
2.3
2.7
V
Turn-On Time
Power on to ±½°/s of Final
35
ms
Linear Acceleration Effect
Any Axis
0.2
°/s/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
1
°/s/V
NOISE PERFORMANCE
Rate Noise Density
@25°C
0.1
°/s/
√Hz
FREQUENCY RESPONSE
3 dB Bandwidth (User Selectable)4
22 nF as Comp Cap (see Setting Bandwidth section)
40
Hz
Sensor Resonant Frequency
14
kHz
SELF-TEST INPUTS
ST1 RATEOUT Response5
ST1 Pin from Logic 0 to 1
–150
–270
–450
mV
ST2 RATEOUT Response5
ST2 Pin from Logic 0 to 1
+150
+270
+450
mV
Logic 1 Input Voltage
Standard High Logic Level Definition
3.3
V
Logic 0 Input Voltage
Standard Low Logic Level Definition
1.7
V
Input Impedance
To Common
50
kΩ
TEMPERATURE SENSOR
VOUT at 298°K
2.50
V
Max Current Load on Pin
Source to Common
50
µA
Scale Factor
Proportional to Absolute Temperature
8.4
mV/°K
OUTPUT DRIVE CAPABILITY
Output Voltage Swing
IOUT = ±100 µA
0.25
VS – 0.25
V
Capacitive Load Drive
1000
pF
2.5 V REFERENCE
Voltage Value
2.45
2.5
2.55
V
Load Drive to Ground
Source
200
µA
Load Regulation
0 < IOUT < 200 µA
5.0
mV/mA
Power Supply Rejection
4.75 VS to 5.25 VS
1.0
mV/V
Temperature Drift
Delta from 25°C
5.0
mV
POWER SUPPLY
Operating Voltage Range
4.75
5.00
5.25
V
Quiescent Supply Current
6.0
8.0
mA
TEMPERATURE RANGE
Specified Performance Grade A
Temperature Tested to Max and Min Specs.
–40
+85
°C
1 All min and max specifications are guaranteed. Typical specifications are not tested or guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at
5 V supplies.
3 Specification refers to the maximum extent of this parameter as a worst-case value of TMIN or TMAX.
4 Frequency at which response is 3 dB down from dc response with specified compensation capacitor value. Internal pole forming resistor is 180 kΩ. See
section.
Setting Band-
width
5 Self-test response varies with temperature. Refer to the
section for details.
Self-Test Function
Rev. A | Page 3 of 8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
ADXRS150±150°/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXRS401+-75/s Single Chip Yaw Rate Gyro with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADXL05+-1 g to +-5 g Single Chip Accelerometer with Signal Conditioning 1 2 3 4 5 MoreAnalog Devices
ADIS16100+-300°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADIS16080±80°/sec Yaw Rate Gyro with SPI Interface 1 2 3 4 5 MoreAnalog Devices
ADXRS150EB150/s Single Chip Rate Gyro Evaluation Board 1 Analog Devices
AN5295NK3-ch. sound signal processing single chip IC for TV with I2C bus 1 2 3 4 5 MorePanasonic Semiconductor
TC9284BFCD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER 1 2 3 4 5 MoreToshiba Semiconductor
LC865520B8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM 1 2 3 4 5 MoreSanyo Semicon Device
LC86E56328-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM 1 2 3 4 5 MoreSanyo Semicon Device