Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L7924CT Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części L7924CT
Szczegółowy opis  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7924CT Arkusz danych(HTML) 2 Page - STMicroelectronics

  L7924CT Datasheet HTML 1Page - STMicroelectronics L7924CT Datasheet HTML 2Page - STMicroelectronics L7924CT Datasheet HTML 3Page - STMicroelectronics L7924CT Datasheet HTML 4Page - STMicroelectronics L7924CT Datasheet HTML 5Page - STMicroelectronics L7924CT Datasheet HTML 6Page - STMicroelectronics L7924CT Datasheet HTML 7Page - STMicroelectronics L7924CT Datasheet HTML 8Page - STMicroelectronics L7924CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
L7900 SERIES
2/16
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
CONNECTION DIAGRAM (top view)
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
for VO = 5 to 18V
-35
V
for VO = 20, 24V
-40
IO
Output Current
Internally Limited
Ptot
Power Dissipation
Internally Limited
Tstg
Storage Temperature Range
-65 to 150
°C
Top
Operating Junction Temperature Range
0 to 150
°C
Symbol
Parameter
D2PAK
TO-220
TO-220FP
TO-3
Unit
Rthj-case Thermal Resistance Junction-case
Max
33
54
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
62.5
50
60
35
°C/W
TO-220
TO-220FP
TO-3
D2PAK


Podobny numer części - L7924CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L7924CT STMICROELECTRONICS-L7924CT Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7924CT STMICROELECTRONICS-L7924CT Datasheet
379Kb / 24P
   Negative voltage regulators
L7924CT STMICROELECTRONICS-L7924CT Datasheet
824Kb / 24P
   Negative voltage regulators
More results

Podobny opis - L7924CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com