Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29LV160MB100WAI Arkusz danych(PDF) 11 Page - Advanced Micro Devices

Numer części AM29LV160MB100WAI
Szczegółowy opis  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160MB100WAI Arkusz danych(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV160MB100WAI Datasheet HTML 7Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 8Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 9Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 10Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 11Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 12Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 13Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 14Page - Advanced Micro Devices AM29LV160MB100WAI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
August 11, 2003 25974B0
Am29LV160M
9
Prelimin ary
Ordering Information
Standard Products
Spansion standard products are available in several packages and operating
ranges. The order number (Valid Combination) is formed by a combination of the
elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
Consult your local sales office to confirm availability of specific valid combinations and to
check on newly released combinations.
Am29LV160M
T
100
E
I
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
= 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
F
= 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048)
WA
= 48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 8 mm package (FBA048)
PC
= 64-ball Fortified Ball Grid Array (BGA)
1.0 mm pitch, 13 x 11 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
= Top sector
B
= Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29LV160M
16 Megabit (2M x 8-Bit/1M x 16-Bit) MirrorBitTM Flash Memory
3.0 Volt-only Read, Program, and Erase
Note: For 70R and 85 speed options shown in product selector
guide, contact a sales office or representative for availability
and ordering information.
Valid Combinations
for TSOP Packages
Access
Time
(ns)
VCC
Voltage
Range
Am29LV160MT90,
Am29LV160MB90
EI, FI
90
2.7–3.6 V
Am29LV160MT100,
Am29LV160MB100
100
Valid Combinations for FBGA Packages
Access
Time
(ns)
VCC
Voltage
Range
Order Number
Package
Marking
Am29LV160MT90,
Am29LV160MB90
WAI
L160MT90VI,
L160MB90VI
90
2.7–
3.6 V
PCI
L160MT90PI,
L160MB90PI
Am29LV160MT100,
Am29LV160MB100
WAI
L160MT10VI,
L160MB10VI
100
PCI
L160MT10PI,
L160MB10PI


Podobny numer części - AM29LV160MB100WAI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29LV160MB100WAI AMD-AM29LV160MB100WAI Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
More results

Podobny opis - AM29LV160MB100WAI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com