Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1825A-SP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części UC1825A-SP
Szczegółowy opis  Class-V, Radiation Hardened High-Speed PWM Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1825A-SP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button UC1825A-SP_16 Datasheet HTML 3Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 4Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 5Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 6Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 7Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 8Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 9Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 10Page - Texas Instruments UC1825A-SP_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
130
120
110
100
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
Gain-Full Load
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
Frequency (Hz)
Ove
rall Ga
in
– F
ull L
oad
EA
Comp
ensa
tio
n
CTL–
Output Full Load
0
-90
180
Full
Phase
130
120
110
100
90
80
70
60
50
40
30
20
10
0
-10
-20
-30
Gain-Light Load
10
0
10
1
10
2
10
3
10
4
10
5
10
6
10
7
Frequency (Hz)
Ove
rall Ga
in
– Lig
ht L
oad
EA
Comp
ensa
tio
n
CTL–
Outpu Light Load
0
-90
180
Light
Phase
7
UC1825A-SP
www.ti.com
SLUS873C – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1825A-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –55°C to 125°C, RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V, TA = TJ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT, START SEQUENCE, FAULT
ISS
Soft-start charge current
VSS = 2.5 V
8
14
20
μA
VSS
Full soft-start threshold voltage
4.3
5
V
IDSCH
Restart discharge current
VSS = 2.5 V
100
250
350
μA
ISS
Restart threshold voltage
0 V
≤ VILIM ≤ 1.5 V
0.3
0.5
V
IBIAS
ILIM bias current
15
μA
ICL
Current limit threshold voltage
0.95
1
1.05
V
Overcurrent threshold voltage
1.14
1.2
1.26
V
td
Delay-to-output time, ILIM(1)
VILIM = 0-V to 2-V step
50
80
ns
OUTPUT
Low-level output saturation voltage
IOUT = 20 mA
0.25
0.45
V
IOUT = 200 mA
1.2
2.2
High-level output saturation voltage
IOUT = –20 mA
1.9
2.9
V
IOUT = –200 mA
2
3
tr, tf
Rise/fall time(1)
CL = 1 nF
20
45
ns
UNDERVOLTAGE LOCKOUT (UVLO)
Start threshold voltage
8.3
9.2
9.6
V
UVLO hysteresis
0.4
0.8
1.25
V
SUPPLY CURRENT
Isu
Start-up current
VC = VCC = 8 V
100
300
μA
ICC
Input current
28
36
mA
7.6 Typical Characteristics
Figure 1. Gain: Light Load
Figure 2. Gain: Full Load


Podobny numer części - UC1825A-SP_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
More results

Podobny opis - UC1825A-SP_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1846-SP TI1-UC1846-SP_16 Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Intersil Corporation
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com