Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1846-SPRHA Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części UC1846-SPRHA
Szczegółowy opis  Class-V, Radiation Hardened PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846-SPRHA Arkusz danych(HTML) 3 Page - Texas Instruments

  UC1846-SPRHA Datasheet HTML 1Page - Texas Instruments UC1846-SPRHA Datasheet HTML 2Page - Texas Instruments UC1846-SPRHA Datasheet HTML 3Page - Texas Instruments UC1846-SPRHA Datasheet HTML 4Page - Texas Instruments UC1846-SPRHA Datasheet HTML 5Page - Texas Instruments UC1846-SPRHA Datasheet HTML 6Page - Texas Instruments UC1846-SPRHA Datasheet HTML 7Page - Texas Instruments UC1846-SPRHA Datasheet HTML 8Page - Texas Instruments UC1846-SPRHA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
B Out
V
C
NC
Gnd
A Out
C/S–
C/S+
NC
E/A+
E/A–
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C/L SS
C/S–
C/S+
E/A+
E/A–
Comp
C
T
Shutdown
V
IN
B Out
V
C
Gnd
A Out
Sync
R
T
V
REF
3
UC1846-SP
www.ti.com
SLUS871D – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1846-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
FK Package
20-Pin LCCC
Top View
J or W Package
16-Pin CDIP or CFP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
CDIP or CFP
LCCC
CL SS
1
2
I
Current limit/soft-start.
VREF
2
3
O
5.1-V internally generated reference.
CS-
3
4
I
Inverting input of current sense operational amplifier.
CS+
4
5
I
Non-Inverting input of current sense operational amplifier.
EA+
5
7
I
Non-Inverting input of error amplifier.
EA-
6
8
I
Inverting input of error amplifier.
COMP
7
9
O
Output of error amplifier.
CT
8
10
I
Timing capacitance. Capacitor connected from CT to ground is charged via
current established by RT pin via current mirror. Output pulse dead time is
determined by the size of the capacitor during capacitor discharge time.
RT
9
12
I
Determines oscillator frequency. VREF sources thru RT to create a current
which is mirrored to CT pin.
SYNC
10
13
I/O
Sync pin is an output under normal operation when RT is above 4.1-V sync
output high. Sync pin is an input when RT pin is high and CT pin tied low.
AOUT
11
14
O
Output driver (source/sink).
GND
12
15
Ground connection.
VC
13
17
I
Gate drive collector supply voltage. Decouple with capacitor.
BOUT
14
18
O
Output driver (source/sink).
VIN
15
19
I
Input voltage decouple with capacitor.
SHUTDOWN
16
20
I
Shutdown threshold 350 mV. Voltage above threshold latches off oscillator.
NC
1, 6, 11
No connect.


Podobny numer części - UC1846-SPRHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1846-SP TI1-UC1846-SP_15 Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
More results

Podobny opis - UC1846-SPRHA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
   Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com