Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMEPR60C-12500AZ Arkusz danych(PDF) 10 Page - AIMTEC

Numer części AMEPR60C-12500AZ
Szczegółowy opis  AC-DC Constant Current or Constant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-12500AZ Arkusz danych(HTML) 10 Page - AIMTEC

Back Button AMEPR60C-12500AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 7Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 8Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 9Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 10Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 11Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 12Page - AIMTEC AMEPR60C-12500AZ Datasheet HTML 13Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
10 of 13
North America only
PFC Value vs. Output Load Current (constant current mode)
AMEPR60C-50120AZ
AMEPR60C-36170AZ


Podobny numer części - AMEPR60C-12500AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
592Kb / 7P
   LED Driver / Converter
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-12500AZ AIMTEC-AMEPR60C-12500AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMEPR60C-12500AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
logo
List of Unclassifed Man...
MBI6001N2N ETC1-MBI6001N2N Datasheet
164Kb / 5P
   Transformerless AC/DC Constant Current Driver
MBI6001 ETC1-MBI6001 Datasheet
197Kb / 6P
   TRANSFORMERLESS AC / DC CONSTANT CURRENT DRIVER
logo
AIMTEC
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_16 Datasheet
404Kb / 5P
   AC-DC Constant current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com