Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER90-24375AZ Arkusz danych(PDF) 6 Page - AIMTEC

Numer części AMER90-24375AZ
Szczegółowy opis  AC-DC Constant Current or Constant Voltage LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90-24375AZ Arkusz danych(HTML) 6 Page - AIMTEC

Back Button AMER90-24375AZ Datasheet HTML 2Page - AIMTEC AMER90-24375AZ Datasheet HTML 3Page - AIMTEC AMER90-24375AZ Datasheet HTML 4Page - AIMTEC AMER90-24375AZ Datasheet HTML 5Page - AIMTEC AMER90-24375AZ Datasheet HTML 6Page - AIMTEC AMER90-24375AZ Datasheet HTML 7Page - AIMTEC AMER90-24375AZ Datasheet HTML 8Page - AIMTEC AMER90-24375AZ Datasheet HTML 9Page - AIMTEC AMER90-24375AZ Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Series AMER90-AZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AF
6 of 11
North America only
Efficiency vs. Input Voltage and Output Current (CC Load)
(continued)
AMER90-24375AZ
PFC Value vs. Output Load Current (CC Load)
AMEPR90-50180AZ


Podobny numer części - AMER90-24375AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER90-24375AZ AIMTEC-AMER90-24375AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER90-24375AZ AIMTEC-AMER90-24375AZ Datasheet
667Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMER90-24375AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com