Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER90-36250CAZ Arkusz danych(PDF) 2 Page - AIMTEC

Numer części AMER90-36250CAZ
Szczegółowy opis  Constant current LED Driver or Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90-36250CAZ Arkusz danych(HTML) 2 Page - AIMTEC

  AMER90-36250CAZ Datasheet HTML 1Page - AIMTEC AMER90-36250CAZ Datasheet HTML 2Page - AIMTEC AMER90-36250CAZ Datasheet HTML 3Page - AIMTEC AMER90-36250CAZ Datasheet HTML 4Page - AIMTEC AMER90-36250CAZ Datasheet HTML 5Page - AIMTEC AMER90-36250CAZ Datasheet HTML 6Page - AIMTEC AMER90-36250CAZ Datasheet HTML 7Page - AIMTEC AMER90-36250CAZ Datasheet HTML 8Page - AIMTEC AMER90-36250CAZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Series AMER90-CAZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.N
2 of 10
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
(LL-HL)
±2
%
Load regulation
0-100% load
±3
%
Ripple & Noise*
150
mV p-p
Hold-up time
100
ms
Current adjustment range
100-10
%
Ripple and Noise are measured at 20MHz bandwidth by using a 0.1μF (M/C) or (C/C) and 47µF (E/C) parallel capacitor.
Note: from 0% to 10% dimming adjustment signal instability may be present.
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested voltage
I/O
3sec
3750
VAC
I/FG
2000
VAC
O/FG
500
VAC
Isolation resistance
500VDC
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
125
KHz
Over current protection
AMER90-50180CAZ
1.87
A
AMER90-36250CAZ
2.57
AMER90-24375CAZ
3.8
Over current protection
≧105
%
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
(See Derating Table)
(115VAC)
-50 to +85
oC
(230VAC)
-55 to +85
oC
Cold Start-up Time
-55°C
35
Sec
Maximum case temperature
100
oC
Storage temperature
-55 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum
Potting
Epoxy (IP68 rated)
Wires
UL1015 18AWG Input & 14AWG Output *20CM
Weight
900
g
Dimensions (L X H X W)
7.13 x 2.32 x 1.85 inches
181.00 x 59.00 x 47.00 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
UL, CE
Standards
UL8750, UL60950-1, EN55022, class B, EN60529(IP68)
Information Technology Equipment
EN55022 Class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Podobny numer części - AMER90-36250CAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER90-36250CAZ AIMTEC-AMER90-36250CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMER90-36250CAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-5 AIMTEC-AMER150-CAZ-5_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com