Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMER120-36340AZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMER120-36340AZ
Szczegółowy opis  AC-DC Constant Current or Constant Voltage LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER120-36340AZ Arkusz danych(HTML) 1 Page - AIMTEC

  AMER120-36340AZ Datasheet HTML 1Page - AIMTEC AMER120-36340AZ Datasheet HTML 2Page - AIMTEC AMER120-36340AZ Datasheet HTML 3Page - AIMTEC AMER120-36340AZ Datasheet HTML 4Page - AIMTEC AMER120-36340AZ Datasheet HTML 5Page - AIMTEC AMER120-36340AZ Datasheet HTML 6Page - AIMTEC AMER120-36340AZ Datasheet HTML 7Page - AIMTEC AMER120-36340AZ Datasheet HTML 8Page - AIMTEC AMER120-36340AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER120-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AD
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMER120-50250AZ
125
36-50
0-2.5
90-305/47-440
130-430
Constant Current
87
88
86
Constant Voltage
87
88
88
AMER120-36340AZ
122.4
24-36
0-3.4
90-305/47-440
130-430
Constant Current
87
88
88
Constant Voltage
87
88
88
AMER120-24500AZ
120
12-24
0-5
90-305/47-440
130-430
Constant Current
85
86
87
Constant Voltage
86
86
87
Add Suffix “-F”
No dimming option
 Exceeding the maximum output power will permanently damage the converter.
             ② The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No
                    dimming option in the case.
 In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown. All models
can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to part number when
ordering.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMER120-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
1800
mA
230 VAC
800
mA
277 VAC
700
mA
Inrush current <2ms (cold start)
115 VAC
45
A
230 VAC
60
A
277 VAC
70
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.98
230 VAC
0.94
277 VAC
0.92
External fuse
Recommended slow blow type
3
A
Start-up time
900
ms
 AC-DC Constant Current or Constant
Voltage LED Driver
 Over Current Protection
 Short Circuit Protection
 Input range 90-305VAC/47-440Hz
 Waterproof Case rated IP68
 High Efficiency up to 88%
 Power Factor Correction
 Operating temperature -40 to 85°C
 Dimmable via resistive
 5 Years Limited Warranty
Click on Series name for product info on aimtec.com


Podobny numer części - AMER120-36340AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMER120-36340AZ AIMTEC-AMER120-36340AZ Datasheet
900Kb / 9P
   up to 5A | AC-DC LED driver
AMER120-36340AZ AIMTEC-AMER120-36340AZ Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Podobny opis - AMER120-36340AZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMEPR60C-AZ AIMTEC-AMEPR60C-AZ_16 Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com