Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14549B Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC14549B
Szczegółowy opis  Successive Approximation Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14549B Arkusz danych(HTML) 7 Page - ON Semiconductor

  MC14549B_14 Datasheet HTML 1Page - ON Semiconductor MC14549B_14 Datasheet HTML 2Page - ON Semiconductor MC14549B_14 Datasheet HTML 3Page - ON Semiconductor MC14549B_14 Datasheet HTML 4Page - ON Semiconductor MC14549B_14 Datasheet HTML 5Page - ON Semiconductor MC14549B_14 Datasheet HTML 6Page - ON Semiconductor MC14549B_14 Datasheet HTML 7Page - ON Semiconductor MC14549B_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC14549B, MC14559B
http://onsemi.com
7
Q7 Q6 Q5
MR
SC
C
Sout
MC14549B
Q4 Q3 Q2 Q1 Q0 EOC
Sout
TO DAC
Q7 Q6 Q5
SC
CSout
MC14559B
Q4 Q3 Q2 Q1 Q0
EOC
TO DAC
FF
EOC
Figure 4. Continuously Cycling 12−Bit ADC
Externally Controlled 12−Bit ADC (Figure 5)
In this circuit the external pulse starts the first SAR and
simultaneously resets the cascaded second SAR. When Q4 of
the first SAR goes high, the second SAR starts conversion,
and the first one stops conversion. EOC indicates that the
parallel data are valid and that the serial output is complete.
Updating the output data is started with every external control
pulse.
Additional Motorola Parts for Successive
Approximation ADC
Monolithic digital−to−analog converters — The
MC1408/1508 converter has eight−bit resolution and is
available
with
6,
7,
and
8−bit
accuracy.
The
amplifier−comparator block — The MC1407/1507
contains a high speed operational amplifier and a high speed
comparator with adjustable window.
With these two linear parts it is possible to construct
SA−ADCs with an accuracy of up to eight bits, using as the
register one MC14549B or one MC14559B. An additional
CMOS block will be necessary to generate the clock
frequency.
Additional information on successive approximation ADC
is found in Motorola Application Note AN−716.
Figure 5. Externally Controlled 12−Bit ADC
Q7 Q6 Q5
MR
SC
C
Sout
MC14549B
Q4 Q3 Q2 Q1 Q0 EOC
Sout
TO DAC
Q7 Q6 Q5
SC
CSout
MC14559B
Q4 Q3 Q2 Q1 Q0
EOC
TO DAC
FF
EOC


Podobny numer części - MC14549B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14549BCL MOTOROLA-MC14549BCL Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549BCP ONSEMI-MC14549BCP Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
logo
Motorola, Inc
MC14549BCP MOTOROLA-MC14549BCP Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
ON Semiconductor
MC14549BCP ONSEMI-MC14549BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14549BCPG ONSEMI-MC14549BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Podobny opis - MC14549B_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com