Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMES15-12DMAZ Arkusz danych(PDF) 1 Page - AIMTEC

Numer części AMES15-12DMAZ
Szczegółowy opis  Screw Terminals on Input & Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AMES15-12DMAZ Arkusz danych(HTML) 1 Page - AIMTEC

  AMES15-12DMAZ Datasheet HTML 1Page - AIMTEC AMES15-12DMAZ Datasheet HTML 2Page - AIMTEC AMES15-12DMAZ Datasheet HTML 3Page - AIMTEC AMES15-12DMAZ Datasheet HTML 4Page - AIMTEC AMES15-12DMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMES15-MAZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.R
1 of 5
North America only
FEATURES:
 Screw Terminals on Input & Output
 RoHS compliant
 Operating temperature: -40 to +80°C
 Soft start
 Over load, Over Voltage, Short Circuit Protection
 Energy Star compliant
 Optional DIN Rail mounting bracket
 CE, cULus, CB approvals
 Universal input: 90-264VAC, 47-440Hz
 4000VAC I/O Isolation
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current
max (A)
Maximum
Capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
AMES15-3.3SMAZ
90-264/47-440
130-370
9.9
3.3
3
4700
74
74
AMES15-5SMAZ
90-264/47-440
130-370
15
5
3
2200
75
76
AMES15-12SMAZ
90-264/47-440
130-370
15
12
1.25
1000
81
82
AMES15-15SMAZ
90-264/47-440
130-370
15
15
1
680
81
83
AMES15-24SMAZ
90-264/47-440
130-370
15
24
0.63
470
83
83
Models
Dual output
Model
Input Voltage
(VAC/Hz)
Input
voltage
(VDC)
Max
Output
wattage
(W)
Output
Voltage
(V)
Output
Current
max (A)
Maximum
Capacitive
Load
(µF)
Efficiency
(%)
115
VAC
230
VAC
AMES15-5DMAZ
90-264/47-440
130-370
15
±5
±1.5
±1000
78
79
AMES15-12DMAZ
90-264/47-440
130-370
15
±12
±0.63
±470
81
82
AMES15-15DMAZ
90-264/47-440
130-370
15
±15
±0.5
±330
82
83
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115VAC
350
mA
230VAC
180
mA
Inrush current <2ms (cold start)
115 VAC
10
A
230 VAC
20
A
Leakage current
115 VAC
0.1
mA
264 VAC
0.2
mA
External Fuse
(recommend)slow blow type
2
A
Input Dissipation
(110/230Vac)
0.2
W
Under Voltage Protection
85
VAC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Line regulation
LL-HL
±1
%
Load regulation (single output)
0-100%
±1
%
Cross regulation (dual output)
25% load - 1st out, 100% load – 2nd out
±5
%
Transient Recovery Time
300
µs
Transient Recovery Deviation
25% load step
±2
% of Vout
Ripple & Noise*
3.3/5V models
12/15V models
24V models
75
100
150
mVp-p
Hold-up time
min
20
ms
* Ripple and Noise are measured at 20MHz bandwidth by using 0.1μF (M/C) and 47μF (E/C) parallel capacitor.
CB
Click on Series name for product info on aimtec.com


Podobny numer części - AMES15-12DMAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMES15-12DMAZ AIMTEC-AMES15-12DMAZ Datasheet
349Kb / 5P
   15 Watt | AC-DC Converter
AMES15-12DMAZ AIMTEC-AMES15-12DMAZ Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results

Podobny opis - AMES15-12DMAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_16 Datasheet
543Kb / 5P
   Screw Terminals on Input & Output
AMES30-MAZ AIMTEC-AMES30-MAZ_16 Datasheet
516Kb / 5P
   Screw terminals on input/output
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
logo
P-tec Corporation
PT322435-TLMWD-E25C P-TEC-PT322435-TLMWD-E25C Datasheet
2Mb / 30P
   Input / Output Terminals Pin Assignment
logo
United Chemi-Con, Inc.
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com