Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14549BDWR2G Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14549BDWR2G
Szczegółowy opis  Successive Approximation Registers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14549BDWR2G Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14549BDWR2G Datasheet HTML 1Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 2Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 3Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 4Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 5Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 6Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 7Page - ON Semiconductor MC14549BDWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 8
1
Publication Order Number:
MC14549B/D
MC14549B, MC14559B
Successive Approximation
Registers
The MC14549B and MC14559B successive approximation
registers are 8−bit registers providing all the digital control and storage
necessary for successive approximation analog−to−digital conversion
systems. These parts differ in only one control input. The Master Reset
(MR) on the MC14549B is required in the cascaded mode when more
than 8 bits are desired. The Feed Forward (FF) of the MC14559B is
used for register shortening where End−of−Conversion (EOC) is
required after less than eight cycles.
Applications for the MC14549B and MC14559B include
analog−to−digital conversion, with serial and parallel outputs.
Features
Totally Synchronous Operation
All Outputs Buffered
Single Supply Operation
Serial Output
Retriggerable
Compatible with a Variety of Digital and Analog Systems such as the
MC1408 8−Bit D/A Converter
All Control Inputs Positive−Edge Triggered
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving 2 Low−Power TTL Loads, 1 Low−Power Schottky
TTL Load or 2 HTL Loads Over the Rated Temperature Range
Chip Complexity: 488 FETs or 122 Equivalent Gates
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input Voltage Range, All Inputs
Vin
−0.5 to VDD + 0.5
V
DC Input Current per Pin
Iin
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Operating Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Package: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained to
the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD).
x
= 4 or 5
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q0
Q1
Q2
Q3
VDD
SC
*
EOC
Q7
Q6
Q5
Q4
VSS
C
D
Sout
*For MC14549B Pin 10 is MR input.
For MC14559B Pin 10 is FF input.
1
SOIC−16 WB
DW SUFFIX
CASE 751G
16
1
MC145x9B
AWLYYWWG


Podobny numer części - MC14549BDWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14549BDWR2G ONSEMI-MC14549BDWR2G Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Podobny opis - MC14549BDWR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
logo
Motorola, Inc
MC14549B MOTOROLA-MC14549B Datasheet
212Kb / 9P
   SUCCESSIVE APPROXIMATION REGISTERS
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com